Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCV7103AF Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TCV7103AF
Description  Buck DC-DC Converter IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCV7103AF Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TCV7103AF Datasheet HTML 4Page - Toshiba Semiconductor TCV7103AF Datasheet HTML 5Page - Toshiba Semiconductor TCV7103AF Datasheet HTML 6Page - Toshiba Semiconductor TCV7103AF Datasheet HTML 7Page - Toshiba Semiconductor TCV7103AF Datasheet HTML 8Page - Toshiba Semiconductor TCV7103AF Datasheet HTML 9Page - Toshiba Semiconductor TCV7103AF Datasheet HTML 10Page - Toshiba Semiconductor TCV7103AF Datasheet HTML 11Page - Toshiba Semiconductor TCV7103AF Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TCV7103AF
2012-02-28
8
Overcurrent Protection(OCP)
TCV7103AF has an overcurrent protection with latch function. When a peak current of LX pin exceeds a ILIM =
8.5A (typ.)@ VIN = 5V, ON time of high-side switch (internal) is limited. When OCP is in operation, and VFB input
voltage drops below latch detection voltage VLOC = 0.3V (typ.) for more than latch detection time tLOC = 2ms
(typ.), TCV7103AF will halt the output voltage and this state is latched. When the EN pin level changes from
high to low, or the input voltage becomes under VUV=2.45V (typ.), releases the latch. While soft-start feature is in
operation, OCP does not operate. In the condition with low input voltage, the current limitation value tends to
decrease. In the condition of less than VIN =3.8V, please use it below output current IOUT =6.0A (max).
Figure 4 Overcurrent Protection Operation
Undervoltage Lockout (UVLO)
The TCV7103AF has undervoltage lockout (UVLO) protection circuitry. The TCV7103AF does not provide
output voltage (VOUT) until the input voltage (VIN2) has reached VUVR = 2.55 V (typ.). UVLO has hysteresis of
0.1 V (typ.). After the switch turns on, if VIN2 drops below VUV = 2.45 V (typ.), UVLO shuts off the switch at
VOUT.
Figure 5 Undervoltage Lockout Operation
Soft start
VIN2
Hysteresis:
ΔVUV
Undervoltage lockout
detection voltage VUV
Switching operation
stops
GND
VOUT
GND
Undervoltage lockout
recovery voltage VUVR
Switching operation starts
ILX (peak)
VLOC =0.3V (typ.)
ILIM =8.5A (typ.)
Overcurrent period
tLOC =2ms(typ.)
Output voltage stop
VFB =0.8V (typ.)
VFB


Similar Part No. - TCV7103AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCV7100AF TOSHIBA-TCV7100AF Datasheet
476Kb / 17P
   Buck DC-DC Converter IC
TCV7101F TOSHIBA-TCV7101F Datasheet
499Kb / 18P
   Buck DC-DC Converter IC
TCV7104FN TOSHIBA-TCV7104FN Datasheet
279Kb / 16P
   Buck DC-DC Converter IC
TCV7105F TOSHIBA-TCV7105F Datasheet
467Kb / 16P
   Buck DC-DC Converter IC
TCV7106FN TOSHIBA-TCV7106FN Datasheet
380Kb / 17P
   Buck DC-DC Converter IC
More results

Similar Description - TCV7103AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCV7104FN TOSHIBA-TCV7104FN Datasheet
279Kb / 16P
   Buck DC-DC Converter IC
TB7106F TOSHIBA-TB7106F Datasheet
491Kb / 16P
   Buck DC-DC Converter IC
TCV7107F TOSHIBA-TCV7107F Datasheet
559Kb / 17P
   Buck DC-DC Converter IC
TCV7113F TOSHIBA-TCV7113F Datasheet
470Kb / 17P
   Buck DC-DC Converter IC
TB7101AF TOSHIBA-TB7101AF Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
TCV7100AF TOSHIBA-TCV7100AF Datasheet
476Kb / 17P
   Buck DC-DC Converter IC
TCV7105F TOSHIBA-TCV7105F Datasheet
467Kb / 16P
   Buck DC-DC Converter IC
TCV7106FN TOSHIBA-TCV7106FN Datasheet
380Kb / 17P
   Buck DC-DC Converter IC
TB7102AF TOSHIBA-TB7102AF Datasheet
229Kb / 17P
   Buck DC-DC Converter IC
TB7107FN TOSHIBA-TB7107FN Datasheet
322Kb / 15P
   Buck DC-DC Converter IC
TCV7101F TOSHIBA-TCV7101F Datasheet
499Kb / 18P
   Buck DC-DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com