Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32653A0683 Datasheet(PDF) 10 Page - EPCOS

Part # B32653A0683
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32653A0683 Datasheet(HTML) 10 Page - EPCOS

Back Button B32653A0683 Datasheet HTML 6Page - EPCOS B32653A0683 Datasheet HTML 7Page - EPCOS B32653A0683 Datasheet HTML 8Page - EPCOS B32653A0683 Datasheet HTML 9Page - EPCOS B32653A0683 Datasheet HTML 10Page - EPCOS B32653A0683 Datasheet HTML 11Page - EPCOS B32653A0683 Datasheet HTML 12Page - EPCOS B32653A0683 Datasheet HTML 13Page - EPCOS B32653A0683 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Ordering codes and packing units (lead spacing 15 mm)
VR
V DC
VRMS
f
≤1 kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
1000
250
10
5.0
× 10.5 × 18.0 B32652A0103+*** 4680
5200
4000
15
5.0
× 10.5 × 18.0 B32652A0153+*** 4680
5200
4000
22
5.0
× 10.5 × 18.0 B32652A0223+*** 4680
5200
4000
33
6.0
× 11.0 × 18.0 B32652A0333+*** 3840
4400
4000
47
7.0
× 12.5 × 18.0 B32652A0473+*** 3320
3600
4000
68
8.5
× 14.5 × 18.0 B32652A0683+*** 2720
2800
2000
100
9.0
× 17.5 × 18.0 B32652A0104+*** 2560
2800
2000
120
11.0
× 18.5 × 18.0 B32652A0124+***
2200
1000
150
11.0
× 18.5 × 18.0 B32652A0154+***
2200
1000
1250
500
6.8
5.0
× 10.5 × 18.0 B32652A7682+*** 4680
5200
4000
10
6.0
× 11.0 × 18.0 B32652A7103+*** 3840
4400
4000
15
7.0
× 12.5 × 18.0 B32652A7153+*** 3320
3600
4000
22
8.5
× 14.5 × 18.0 B32652A7223+*** 2720
2800
2000
33
9.0
× 17.5 × 18.0 B32652A7333+*** 2560
2800
2000
47
11.0
× 18.5 × 18.0 B32652A7473+***
2200
1000
56
11.0
× 18.5 × 18.0 B32652A7563+***
2200
1000
1600
500
3.3
5.0
× 10.5 × 18.0 B32652A1332+*** 4680
5200
4000
4.7
6.0
× 11.0 × 18.0 B32652A1472+*** 3840
4400
4000
6.8
7.0
× 12.5 × 18.0 B32652A1682+*** 3320
3600
4000
10
8.5
× 14.5 × 18.0 B32652A1103+*** 2720
2800
2000
15
9.0
× 17.5 × 18.0 B32652A1153+*** 2560
2800
2000
22
11.0
× 18.5 × 18.0 B32652A1223+***
2200
1000
1600
700
2.2
5.0
× 10.5 × 18.0 B32652J1222+*** 4680
5200
4000
3.3
6.0
× 11.0 × 18.0 B32652J1332+*** 3840
4400
4000
4.7
7.0
× 12.5 × 18.0 B32652J1472+*** 3320
3600
4000
6.8
8.5
× 14.5 × 18.0 B32652J1682+*** 2720
2800
2000
10
9.0
× 17.5 × 18.0 B32652J1103+*** 2560
2800
2000
12
9.0
× 17.5 × 18.0 B32652J1123+*** 2560
2800
2000
15
11.0
× 18.5 × 18.0 B32652J1153+***
2200
1000
B32652
High pulse (wound)
Page 10 of 39
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32653A0683

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32653A0683 EPCOS-B32653A0683 Datasheet
961Kb / 28P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A0683 EPCOS-B32653A0683 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32653A0683

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com