Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR2EN24 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TCR2EN24
Description  200 mA CMOS Low Drop-Out Regulator in ultra small package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2EN24 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TCR2EN24 Datasheet HTML 1Page - Toshiba Semiconductor TCR2EN24 Datasheet HTML 2Page - Toshiba Semiconductor TCR2EN24 Datasheet HTML 3Page - Toshiba Semiconductor TCR2EN24 Datasheet HTML 4Page - Toshiba Semiconductor TCR2EN24 Datasheet HTML 5Page - Toshiba Semiconductor TCR2EN24 Datasheet HTML 6Page - Toshiba Semiconductor TCR2EN24 Datasheet HTML 7Page - Toshiba Semiconductor TCR2EN24 Datasheet HTML 8Page - Toshiba Semiconductor TCR2EN24 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TCR2EN series
2012-05-23
1
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TCR2EN series
200 mA CMOS Low Drop-Out Regulator in ultra small package
The TCR2EN series are CMOS general-purpose single-output
voltage regulators with an on/off control input, featuring low dropout
voltage, low quiescent bias current and fast load transient response.
These voltage regulators are available in fixed output voltages
between 1.0 V and 3.6 V and capable of driving up to 200 mA. They
feature overcurrent protection and an Auto-discharge function.
The TCR2EN series is offered in the ultra small plastic mold
package SDFN4 ( 0.8 mm x 0.8 mm x 0.38 mm). It has a low
dropout voltage of 160 mV ( 2.5 V output, IOUT = 150 mA) with low
output noise voltage of 35
μδVrms (2.5 V output) and a load transient
response of only ⊿VOUT = ±55 mV ( IOUT = 1 mA⇔150 mA, COUT
=1.0
μF).
As small ceramic input and output capacitors can be used with the
TCR2EN series, these devices are ideal for portable applications
that require high-density board assembly such as cellular phones.
Features
Low Drop-Out voltage
VIN-VOUT = 160 mV (typ.) at 2.5 V-output, IOUT = 150 mA
VIN-VOUT = 210 mV (typ.) at 1.8 V-output, IOUT = 150 mA
VIN-VOUT = 360 mV (typ.) at 1.2 V-output, IOUT = 150 mA
VIN-VOUT = 490 mV (typ.) at 1.0 V-output, IOUT = 150 mA
Low output noise voltage
VNO = 35 μVrms (typ.) at 2.5 V-output, IOUT = 10 mA, 10 Hz < f < 100 kHz
VNO = 30 μVrms (typ.) at 1.8 V-output, IOUT = 10 mA, 10 Hz < f < 100 kHz
VNO = 23 μVrms (typ.) at 1.2 V-output, IOUT = 10 mA, 10 Hz < f < 100 kHz
VNO = 18 μVrms (typ.) at 1.0 V-output, IOUT = 10 mA, 10 Hz < f < 100 kHz
Fast load transient response (⊿VOUT = ±55 mV (typ.) at IOUT = 1 ⇔ 150 mA, COUT =1.0 μF )
Low quiescent bias current ( IB = 35 μA (typ.) at IOUT = 0 mA )
High ripple rejection ( R.R = 73 dB (typ.) at 2.5V-output, IOUT = 10 mA, f =1kHz )
Wide range Output Voltage line up ( VOUT = 1.0 to 3.6 V )
High VOUT accuracy ±1.0% ( 1.8V <= VOUT )
Overcurrent protection
Auto-discharge
Pull down connection between CONTROL and GND
Ceramic capacitors can be used ( CIN = 0.1μF, COUT =1.0 μF )
Ultra Small package SDFN4 (0.8 mm x 0.8 mm x 0.38 mm )
BOTTOM VIEW ILLUSTRATION
SDFN4
Weight : 0.6 mg ( typ.)


Similar Part No. - TCR2EN24

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EE TOSHIBA-TCR2EE Datasheet
1Mb / 16P
   200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
TCR2EE TOSHIBA-TCR2EE Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
TCR2EE10 TOSHIBA-TCR2EE10 Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
TCR2EE105 TOSHIBA-TCR2EE105 Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
TCR2EE11 TOSHIBA-TCR2EE11 Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
More results

Similar Description - TCR2EN24

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2DG TOSHIBA-TCR2DG Datasheet
362Kb / 15P
   Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
TCR2BE10 TOSHIBA-TCR2BE10 Datasheet
282Kb / 18P
   200 mA CMOS Low Drop-Out Regulator with Auto-discharge
TCR2EF15 TOSHIBA-TCR2EF15 Datasheet
1Mb / 16P
   200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
204Kb / 7P
   250 mA Low Drop Out Voltage Regulator
logo
Toshiba Semiconductor
TCR3UM TOSHIBA-TCR3UM Datasheet
846Kb / 17P
   Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
2021-11-16
TCR3UG TOSHIBA-TCR3UG Datasheet
707Kb / 18P
   Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
2022-01-11
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
logo
Taiwan Semiconductor Co...
TS4264 TSC-TS4264 Datasheet
145Kb / 5P
   150mA Ultra Low Drop Out Voltage Regulator
TS4264G TSC-TS4264G Datasheet
145Kb / 5P
   150mA Ultra Low Drop Out Voltage Regulator
logo
Toshiba Semiconductor
TCR3DG TOSHIBA-TCR3DG Datasheet
666Kb / 15P
   300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2016-03-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com