Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD2500BQ Datasheet(PDF) 9 Page - Sony Corporation

Part # CXD2500BQ
Description  CD Digital Signal Processor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2500BQ Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXD2500BQ Datasheet HTML 5Page - Sony Corporation CXD2500BQ Datasheet HTML 6Page - Sony Corporation CXD2500BQ Datasheet HTML 7Page - Sony Corporation CXD2500BQ Datasheet HTML 8Page - Sony Corporation CXD2500BQ Datasheet HTML 9Page - Sony Corporation CXD2500BQ Datasheet HTML 10Page - Sony Corporation CXD2500BQ Datasheet HTML 11Page - Sony Corporation CXD2500BQ Datasheet HTML 12Page - Sony Corporation CXD2500BQ Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
—9—
CXD2500BQ
AC Characteristics
(1) XTAI and VCOI pins
1) During self-oscillation
(Topr=–20 to +75 °C, VDD=AVDD=5.0 V±5 %)
2) With pulses input to XTAI and VCOI pins
(Topr=–20 to +75 °C, VDD=AVDD=5.0 V±5 %)
3) With sine waves input to XTAI and VCOI pins via capacitor
(Topr=–20 to +75 °C, VDD=AVDD=5.0 V±5 %)
Item
Oscillation frequency
Symbol
fMAX
Min.
7
Typ.
Max.
34
Unit
MHz
Item
Input amplitude
Symbol
V1
Min.
2.0
Typ.
Max.
VDD+0.3
Unit
Vp-p
Item
“H” level pulse width
“L” level pulse width
Pulse period
Input “H” level
Input “L” level
Rising time
Falling time
Symbol
tWHX
tWLX
tCX
VIHX
VILX
tR, tF
Min.
13
13
26
VDD–1.0
Typ.
Max.
500
500
1,000
0.8
10
Unit
ns
V
ns
tCX
tWHX
tWLX
XTAI
tR
tF
VIHX
VIHX
×0.9
VDD/2
VIHX
×0.1
VILX


Similar Part No. - CXD2500BQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2500AQ SONY-CXD2500AQ Datasheet
1Mb / 45P
   CD DIGITAL SIGNAL PROCESSOR
CXD2500AQZ SONY-CXD2500AQZ Datasheet
1Mb / 45P
   CD DIGITAL SIGNAL PROCESSOR
More results

Similar Description - CXD2500BQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2500AQ SONY-CXD2500AQ Datasheet
1Mb / 45P
   CD DIGITAL SIGNAL PROCESSOR
CXD2529Q SONY-CXD2529Q Datasheet
675Kb / 64P
   CD Digital Signal Processor
CXD3009Q SONY-CXD3009Q Datasheet
515Kb / 63P
   CD Digital Signal Processor
CXD2510Q SONY-CXD2510Q Datasheet
743Kb / 48P
   CD Digital Signal Processor
CXD2540Q-2 SONY-CXD2540Q-2 Datasheet
1Mb / 61P
   CD DIGITAL SIGNAL PROCESSOR
CXD2589Q SONY-CXD2589Q Datasheet
794Kb / 61P
   CD Digital Signal Processor
CXD2508AQ SONY-CXD2508AQ Datasheet
858Kb / 49P
   CD Digital Signal Processor
CXD2507AQ SONY-CXD2507AQ Datasheet
375Kb / 38P
   CD Digital Signal Processor
logo
Mitsubishi Electric Sem...
M50423FP MITSUBISHI-M50423FP Datasheet
638Kb / 21P
   CD Player Digital Signal Processor
logo
Hitachi Semiconductor
HD49235FS HITACHI-HD49235FS Datasheet
192Kb / 41P
   Digital Signal Processor for CD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com