Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD2529Q Datasheet(PDF) 10 Page - Sony Corporation

Part # CXD2529Q
Description  CD Digital Signal Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2529Q Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXD2529Q Datasheet HTML 6Page - Sony Corporation CXD2529Q Datasheet HTML 7Page - Sony Corporation CXD2529Q Datasheet HTML 8Page - Sony Corporation CXD2529Q Datasheet HTML 9Page - Sony Corporation CXD2529Q Datasheet HTML 10Page - Sony Corporation CXD2529Q Datasheet HTML 11Page - Sony Corporation CXD2529Q Datasheet HTML 12Page - Sony Corporation CXD2529Q Datasheet HTML 13Page - Sony Corporation CXD2529Q Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
– 10 –
CXD2529Q
1-bit DAC, LPF Block Analog Characteristics
Analog Characteristics (VDD = AVDD = 5.0V, VSS = AVSS = 0V, Ta = 25°C)
For both items, Fs = 44.1kHz.
The circuits for measuring the total harmonic distortion and S/N ratio are shown below.
LPF External Circuit Diagram
Block Diagram for Measuring Analog Characteristics
Item
Total harmonic
distortion
S/N ratio
Symbol
THD
S/N
Conditions
1kHz, 0dB data
Crystal
1kHz, 0dB data
(using A-weighting filter)
384Fs
768Fs
384Fs
768Fs
96
96
0.0050
0.0045
100
100
0.0070
0.0065
Min.
Typ.
Max.
Unit
%
dB
Audio Analyzer
SHIBASOKU (AM51A)
100k
22µ
680p
12k
12k
12k
150p
AOUT1 (2)
AIN1 (2)
LOUT1 (2)
Audio Analyzer
CXD2529Q
Rch
A
Lch
B
DATA
RF
TEST DISC
768Fs/384Fs


Similar Part No. - CXD2529Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2500AQ SONY-CXD2500AQ Datasheet
1Mb / 45P
   CD DIGITAL SIGNAL PROCESSOR
CXD2500AQZ SONY-CXD2500AQZ Datasheet
1Mb / 45P
   CD DIGITAL SIGNAL PROCESSOR
CXD2500BQ SONY-CXD2500BQ Datasheet
670Kb / 48P
   CD Digital Signal Processor
CXD2507AQ SONY-CXD2507AQ Datasheet
375Kb / 38P
   CD Digital Signal Processor
CXD2508AQ SONY-CXD2508AQ Datasheet
858Kb / 49P
   CD Digital Signal Processor
More results

Similar Description - CXD2529Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2500AQ SONY-CXD2500AQ Datasheet
1Mb / 45P
   CD DIGITAL SIGNAL PROCESSOR
CXD2500BQ SONY-CXD2500BQ Datasheet
670Kb / 48P
   CD Digital Signal Processor
CXD3009Q SONY-CXD3009Q Datasheet
515Kb / 63P
   CD Digital Signal Processor
CXD2510Q SONY-CXD2510Q Datasheet
743Kb / 48P
   CD Digital Signal Processor
CXD2540Q-2 SONY-CXD2540Q-2 Datasheet
1Mb / 61P
   CD DIGITAL SIGNAL PROCESSOR
CXD2589Q SONY-CXD2589Q Datasheet
794Kb / 61P
   CD Digital Signal Processor
CXD2508AQ SONY-CXD2508AQ Datasheet
858Kb / 49P
   CD Digital Signal Processor
CXD2507AQ SONY-CXD2507AQ Datasheet
375Kb / 38P
   CD Digital Signal Processor
logo
Mitsubishi Electric Sem...
M50423FP MITSUBISHI-M50423FP Datasheet
638Kb / 21P
   CD Player Digital Signal Processor
logo
Hitachi Semiconductor
HD49235FS HITACHI-HD49235FS Datasheet
192Kb / 41P
   Digital Signal Processor for CD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com