Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4144K Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TPD4144K
Description  TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4144K Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TPD4144K Datasheet HTML 5Page - Toshiba Semiconductor TPD4144K Datasheet HTML 6Page - Toshiba Semiconductor TPD4144K Datasheet HTML 7Page - Toshiba Semiconductor TPD4144K Datasheet HTML 8Page - Toshiba Semiconductor TPD4144K Datasheet HTML 9Page - Toshiba Semiconductor TPD4144K Datasheet HTML 10Page - Toshiba Semiconductor TPD4144K Datasheet HTML 11Page - Toshiba Semiconductor TPD4144K Datasheet HTML 12Page - Toshiba Semiconductor TPD4144K Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TPD4144K
2012-02-09
9
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VBB
50
280
450
Operating power supply voltage
VCC
13.5
15
16.5
V
IBB
VBB = 450 V
0.5
Current dissipation
ICC
VCC = 15 V
0.8
5
mA
IBS (ON)
VBS = 15 V, high side ON
210
410
Bootstrap Current dissipation
IBS (OFF)
VBS = 15 V, high side OFF
180
370
μA
VIH
VIN = “H”, VCC = 15 V
2.5
Input voltage
VIL
VIN = “L” , VCC = 15 V
1.5
V
IIH
VIN = 5 V
150
Input current
IIL
VIN = 0 V
100
μA
VCEsatH
VCC = 15 V, IC = 1 A, high side
2.3
3.2
Output saturation voltage
VCEsatL
VCC = 15 V, IC = 1 A, low side
2.3
3.2
V
VFH
IF = 1 A, high side
2.1
3.1
FRD forward voltage
VFL
IF = 1 A, low side
2.1
3.1
V
BSD forward voltage
VF (BSD)
IF = 500 μA
0.8
1.2
V
Regulator voltage
VREG
VCC = 15 V, IREG = 30 mA
6.5
7
7.5
V
Current limiting voltage
VR
0.46
0.5
0.54
V
Current limiting delay time
Dt
1.5
3
5
μs
Thermal shutdown temperature
TSD
VCC = 15 V
135
185
°C
Thermal shutdown hysteresis
ΔTSD
VCC = 15 V
50
°C
VCC under voltage protection
VCCUVD
10
11
12
V
VCC under voltage protection recovery
VCCUVR
10.5
11.5
12.5
V
VBS under voltage protection
VBSUVD
8
9
9.5
V
VBS under voltage protection recovery
VBSUVR
8.5
9.5
10.5
V
DIAG saturation voltage
VDIAGsat
IDIAG = 5 mA
0.5
V
Output on delay time
ton
VBB = 280 V, VCC = 15 V, IC = 1 A
1.2
3
μs
Output off delay time
toff
VBB = 280 V, VCC = 15 V, IC = 1 A
1
3
μs
Dead time
tdead
VBB = 280 V, VCC = 15 V, IC = 1 A
1.4
μs
FRD reverse recovery time
trr
VBB = 280 V, VCC = 15 V, IC = 1 A
150
ns


Similar Part No. - TPD4144K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4144AK TOSHIBA-TPD4144AK Datasheet
377Kb / 23P
   High Voltage Monolithic Silicon Power IC
More results

Similar Description - TPD4144K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4105AK TOSHIBA-TPD4105AK Datasheet
170Kb / 14P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4142K TOSHIBA-TPD4142K Datasheet
387Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135K TOSHIBA-TPD4135K Datasheet
371Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4146K TOSHIBA-TPD4146K Datasheet
390Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135AK TOSHIBA-TPD4135AK Datasheet
373Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4102K TOSHIBA-TPD4102K Datasheet
361Kb / 28P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4151K TOSHIBA-TPD4151K Datasheet
981Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK_07 Datasheet
372Kb / 24P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4131K TOSHIBA-TPD4131K Datasheet
380Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4152F TOSHIBA-TPD4152F Datasheet
967Kb / 27P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
2016-03-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com