Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD2587Q Datasheet(PDF) 8 Page - Sony Corporation

Part # CXD2587Q
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2587Q Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXD2587Q Datasheet HTML 4Page - Sony Corporation CXD2587Q Datasheet HTML 5Page - Sony Corporation CXD2587Q Datasheet HTML 6Page - Sony Corporation CXD2587Q Datasheet HTML 7Page - Sony Corporation CXD2587Q Datasheet HTML 8Page - Sony Corporation CXD2587Q Datasheet HTML 9Page - Sony Corporation CXD2587Q Datasheet HTML 10Page - Sony Corporation CXD2587Q Datasheet HTML 11Page - Sony Corporation CXD2587Q Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
– 8 –
CXD2587Q
2. AC Characteristics
(1) XTAI pin
(a) When using self-excited oscillation
(Topr = –20 to +75°C, VDD = AVDD = 5.0V ± 5%)
(b) When inputting pulses to XTAI pin
(Topr = –20 to +75°C, VDD = AVDD = 5.0V ± 5%)
(c) When inputting sine waves to XTAI pin via a capacitor
(Topr = –20 to +75°C, VDD = AVDD = 5.0V ± 5%)
Oscillation
frequency
fMAX
7
34
MHz
Item
Symbol
Min.
Typ.
Max.
Unit
High level pulse
width
tWHX
13
500
ns
Low level pulse
width
tWLX
13
500
ns
Pulse cycle
tCX
26
1000
ns
Input high level
VIHX
VDD – 1.0
V
Input low level
VILX
0.8
V
Rise time,
fall time
tR, tF
10
ns
Item
Symbol
Min.
Typ.
Max.
Unit
Input amplitude
VI
2.0
VDD + 0.3 Vp-p
Item
Symbol
Min.
Typ.
Max.
unit
tR
tF
tWHX
tWLX
tCK
VILX
VIHX
× 0.1
VIHX
× 0.9
VIHX
XTAI
VDD/2


Similar Part No. - CXD2587Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R-1 SONY-CXD2586R-1 Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2588Q SONY-CXD2588Q Datasheet
986Kb / 121P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2588R SONY-CXD2588R Datasheet
986Kb / 121P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results

Similar Description - CXD2587Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2548R SONY-CXD2548R Datasheet
1Mb / 113P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2597Q SONY-CXD2597Q Datasheet
881Kb / 115P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3017Q SONY-CXD3017Q Datasheet
1Mb / 117P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com