Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD2587 Datasheet(PDF) 9 Page - Sony Corporation

Part # CXD2587
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2587 Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXD2587 Datasheet HTML 5Page - Sony Corporation CXD2587 Datasheet HTML 6Page - Sony Corporation CXD2587 Datasheet HTML 7Page - Sony Corporation CXD2587 Datasheet HTML 8Page - Sony Corporation CXD2587 Datasheet HTML 9Page - Sony Corporation CXD2587 Datasheet HTML 10Page - Sony Corporation CXD2587 Datasheet HTML 11Page - Sony Corporation CXD2587 Datasheet HTML 12Page - Sony Corporation CXD2587 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 106 page
background image
– 9 –
CXD2587Q
(2) CLOK, DATA, XLAT and SQCK pin
(VDD = AVDD = 5.0V ± 5%, VSS = AVSS = 0V, Topr = –20 to +75°C)
Clock frequency
Clock pulse width
Setup time
Hold time
Delay time
Latch pulse width
SQCK frequency
SQCK pulse width
fCK
tWCK
tSU
tH
tD
tWL
fT
tWT
750
300
300
300
750
750 Note)
0.65
0.65 Note)
MHz
ns
ns
ns
ns
ns
MHz
ns
Item
Symbol
Min.
Typ.
Max.
Unit
tWCK
tWCK
1/fCK
tH
tSU
tWL
tD
1/fT
tWT
tWT
tH
tSU
CLOK
DATA
XLAT
SQCK
SQSO
Note) In quasi double-speed playback mode, except when SQSO is Sub Q Read, the SQCK maximum
operating frequency is 300kHz and its minimum pulse width is 1.5µs.


Similar Part No. - CXD2587

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R-1 SONY-CXD2586R-1 Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2588Q SONY-CXD2588Q Datasheet
986Kb / 121P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2588R SONY-CXD2588R Datasheet
986Kb / 121P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results

Similar Description - CXD2587

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2548R SONY-CXD2548R Datasheet
1Mb / 113P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2597Q SONY-CXD2597Q Datasheet
881Kb / 115P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3017Q SONY-CXD3017Q Datasheet
1Mb / 117P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com