Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2408A816UR-G Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC2408A816UR-G
Description  1.6GHz ON/OFF 艅잒꺗餓섅걤 LNA
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2408A816UR-G Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC2408A816UR-G Datasheet HTML 7Page - Torex Semiconductor XC2408A816UR-G Datasheet HTML 8Page - Torex Semiconductor XC2408A816UR-G Datasheet HTML 9Page - Torex Semiconductor XC2408A816UR-G Datasheet HTML 10Page - Torex Semiconductor XC2408A816UR-G Datasheet HTML 11Page - Torex Semiconductor XC2408A816UR-G Datasheet HTML 12Page - Torex Semiconductor XC2408A816UR-G Datasheet HTML 13Page - Torex Semiconductor XC2408A816UR-G Datasheet HTML 14Page - Torex Semiconductor XC2408A816UR-G Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11/18
XC2408A816UR-G
■特性例
(7) アイソレーション - 電源端子電圧特性例
(8) 雑音指数 - 電源端子電圧特性例
(9) 入力IP3 - 電源端子電圧特性例
(10) 入力IP2 - 電源端子電圧特性例
(11) 1dB利得圧縮時入力電力 - 電源端子電圧特性例
(12) 挿入電力利得 - 周囲温度特性例
XC2408A816
-35
-34
-33
-32
-31
-30
2.6
2.7
2.8
2.9
3
3.1
Power Supply Voltage: VDD (V)
V
DD=VCE, Ta=25℃, f=1.575Hz
XC2408A816
0.4
0.6
0.8
1
1.2
1.4
1.6
2.6
2.7
2.8
2.9
3
3.1
Power Supply Voltage : VDD (V)
V
DD=VCE, Ta=25℃, f=1.575Hz
XC2408A816
-16
-15.8
-15.6
-15.4
-15.2
-15
2.6
2.7
2.8
2.9
3
3.1
Power Supply Voltage : VDD (V)
V
DD=VCE, Ta=25℃,
f=1.575GHz, 1.576GHz
XC2408A816
-29
-27
-25
-23
-21
2.6
2.7
2.8
2.9
3
3.1
Power Supply Voltage: VDD (V)
V
DD=VCE, Ta=25℃, f=1.575Hz
XC2408A816
10
15
20
25
30
35
-50
-25
0
25
50
75
100
Ambient Temperature : Ta (℃)
V
DD=VCE, Ta=25℃, f=1.575Hz
XC2408A816
10
11
12
13
14
15
2.6
2.7
2.8
2.9
3
3.1
Power Supply Voltage : VDD (V)
V
DD=VCE, Ta=25℃,
f=0.8GHz, 2.375GHz


Similar Part No. - XC2408A816UR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2408A816UR-G TOREX-XC2408A816UR-G Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
More results

Similar Description - XC2408A816UR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2406A816UR-G TOREX-XC2406A816UR-G Datasheet
429Kb / 18P
   1.6GHz ON/OFF 艅잒꺗餓섅걤LNA
XC2407A816UR-G TOREX-XC2407A816UR-G Datasheet
481Kb / 18P
   1.6GHz ON/OFF 艅잒꺗餓섅걤LNA
XA6121 TOREX-XA6121 Datasheet
378Kb / 27P
   ?╉궔?껁긽?됥긿??ON/OFF 艅잒꺗餓섅걤?삣쑇濾쒎눣?⑨펷VDF=1.6V節?.0V
XC6233 TOREX-XC6233 Datasheet
827Kb / 30P
   囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
XC2407 TOREX-XC2407 Datasheet
442Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2407 TOREX-XC2407_12 Datasheet
442Kb / 18P
   1.6GHz ON/OFF Function LNA
XC6421 TOREX-XC6421 Datasheet
731Kb / 25P
   囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 弱뤷엹300mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
XC2407-12 TOREX-XC2407-12 Datasheet
442Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2406 TOREX-XC2406_12 Datasheet
405Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2408 TOREX-XC2408_12 Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com