Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS9005SCY Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS9005SCY
Description  600mA Adjustable CMOS LDO with Enable Function
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9005SCY Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS9005SCY Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9005SCY Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9005SCY Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9005SCY Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9005SCY Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9005SCY Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS9005SCY Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS9005
600mA Adjustable CMOS LDO
with Enable Function
2/7
Version: C07
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
GND -0.3 ~ +6.5
V
Output Voltage
VOUT
GND -0.3 ~ VIN +0.3
V
Enable Input Voltage
VEN
GND -0.3 ~ GND +6
V
Feedback Voltage
VFB
GND -0.3 ~ GND +6
V
Power Dissipation
SOT-223
800
SOT-89
500
SOT-25
PD
300
mW
Thermal Resistance – Junction to Case
ӨJC
25
oC/W
Thermal Resistance – Junction to Ambient
ӨJA
120
oC/W
Operating Temperature Range
TOPR
-40 ~ +85
oC
Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Notes: ӨJA is measured with the PCB copper area of approximately 1 in
2(multi-layer). That need connect to GND pin.
Electrical Characteristics (Ta = 25oC, unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Input Voltage
VIN
(Note 1)
2.5
--
5.5
V
Output Voltage Accuracy
∆VOUT
IOUT =1mA
-2
--
+2
%
Feedback Voltage
VFB
VIN =2.8V ~ 5.5V, IOUT =1mA
0.784
0.8
0.816
V
FB Input leakage Current
IFB
VFB =0.8V
-100
--
100
mA
1.5V ≤ VOUT ≤ 2V
--
1000
1200
2.0V ≤ VOUT ≤ 2.8V
--
500
800
Dropout Voltage
VDROP
IO =600mA
VO =VO(NOM) -2%
2.8V ≤ VOUT ≤ 5V
--
350
500
mV
Quiescent Current
IQ
IOUT 0mA
--
45
70
uA
Current Limit
ILIMIT
RLOAD=1Ω
600
--
--
mA
Line Regulation
REGLINE
IOUT =1mA , VIN= VOUT +1V ~ 5V
--
1
5
mV
Load Regulation
REGLOAD
IOUT =0~600mA
--
13
50
mV
Power Supply Rejection
PSRR
f=120Hz.
--
60
--
dB
Shutdown Current
ISD
VIN= 2.8V~5V, VEN =0V
--
--
1
uA
Enable Pin Current
IEH
VEH =VIN
--
--
0.1
uA
VEH
2
--
--
V
EN Input Threshold
VEL
--
--
0.6
V
Over Temp. Shutdown
OTS
--
160
--
oC
Over Temp. Hysterisis
OTH
--
25
--
oC
Note1: VIN(MIN)=VOUT+VDROPOUT
Note2: The is VDROPOUT defined as VIN-VOUT, which is measured when VOUT drop about 100mV
Note3: Regulation is measured at constant junction temperature by using pulsed testing with a low ON time.


Similar Part No. - TS9005SCY

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9005SCW TSC-TS9005SCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5RF TSC-TS9005SCX5RF Datasheet
103Kb / 5P
   600mA CMOS LDO with Enable Function
More results

Similar Description - TS9005SCY

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCW TSC-TS9005DCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCY TSC-TS9005DCY Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCY TSC-TS9005KCY Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCW TSC-TS9005SCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCW TSC-TS9005KCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005 TSC-TS9005_13 Datasheet
103Kb / 5P
   600mA CMOS LDO with Enable Function
logo
Advanced Power Electron...
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com