Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS9008DCX5 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS9008DCX5
Description  300mA High PSRR Low Noise CMOS LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9008DCX5 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS9008DCX5 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9008DCX5 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9008DCX5 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9008DCX5 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9008DCX5 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9008DCX5 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS9008DCX5 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS9008DCX5 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS9008DCX5 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS9008
300mA High PSRR Low Noise CMOS LDO
2/9
Version: D12
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
VIN Pin Voltage
VIN
GND - 0.3 to GND + 6
V
Output Voltage
VOUT
GND - 0.3 to VIN + 0.3
V
Enable Voltage
VEN
GND - 0.3 to GND + 6
V
Power Dissipation
PD
350
mW
Storage Temperature Range
TSTG
-40 to +150
°C
Operating Temperature Range
TOP
-40 to +85
°C
Junction Temperature
TJ
-40 to +125
°C
Thermal Resistance from Junction to case
θJC
230
°C/W
Thermal Resistance from Junction to ambient
θJA
280
°C/W
Note: θJA is measured with the PCB copper area of approximately 1 in
2 (Multi-layer).
Electrical Characteristics
(VIN=VOUT+1V or VIN=2.8V whichever is greater, CIN=COUT=1uF, TA=25°C, unless otherwise noted)
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
VIN
(Note1)
2.8
--
5.5
V
Output Voltage Accuracy
∆VOUT
IOUT=1mA
-2
--
+2
%
Quiescent Current
IQ
IOUT =0mA
--
30
60
µA
Dropout Voltage
(Note2)
VDROP
IOUT=300mA
1.0V≦VOUT≦2.0V
--
1500
--
mV
1.5V<VOUT≦2.0V
--
1000
--
2.0V<VOUT≦2.8V
--
350
--
2.8V<VOUT≦3.3V
--
250
--
Current Limit
ILIMIT
RLOAD=1Ω
300
--
--
mA
Line Regulation
∆VLINE
IOUT =1mA,
VIN=VOUT+1V to 5V
--
1
5
mV
Load Regulation (Note3)
∆VLOAD
IOUT =0m~150mA
--
6
20
mV
Ripple Rejection
PSRR
COUT=1uF,
IOUT =1mA
F=1KHz
--
73
--
dB
F=10K
--
60
--
Enable Input Threshold
VENH
1.4
--
--
V
VENL
--
--
0.4
Enable Pin Current
IEH
VEN=VIN
--
--
0.1
µA
Shutdown Current
ISD
VIN=3.6V, VEN=0V
--
--
1
µA
Temperature Coefficient
TC
IOUT=1mA, VIN=5V
--
50
--
ppm/°C
Temperature Shutdown
TS
--
160
--
ºC
Temperature
Shutdown Hysterisis
TSH
--
25
--
ºC
Note:
1. Minimum VIN voltage is defined by output adds a dropout voltage.
2. The dropout voltage is defined as VIN-VOUT, which is measured when VOUT drop about 100mV.
3. Regulation is measured at constant junction temperature by using pulsed testing with a low ON time.


Similar Part No. - TS9008DCX5

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9008DCX5RFG TSC-TS9008DCX5RFG Datasheet
328Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results

Similar Description - TS9008DCX5

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9008PCX5 TSC-TS9008PCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008 TSC-TS9008_14 Datasheet
328Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX TSC-TS9008ACX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX5 TSC-TS9008ACX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008DCX TSC-TS9008DCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008NCX5 TSC-TS9008NCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX5 TSC-TS9008SCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008KCX TSC-TS9008KCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008KCX5 TSC-TS9008KCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com