Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD2724AQ-1 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXD2724AQ-1
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-1 Datasheet(HTML) 1 Page - Sony Corporation

  CXD2724AQ-1 Datasheet HTML 1Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 2Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 3Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 4Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 5Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 6Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 7Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 8Page - Sony Corporation CXD2724AQ-1 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
Single-Chip Dolby Pro Logic Surround Decoder
Description
The CXD2724AQ-1 is a CMOS LSI developed for
Dolby Pro Logic Surround. A SRAM for short delay
and AD/DA converters are built in, and all functions
necessary for Dolby Pro Logic Surround such as an
adaptive matrix, a passive decoder including BNR,
auto input balance, a noise sequencer and center
channel mode control are contained on a single
chip. Further, this LSI also supports Dolby 3 Stereo
and Virtual Dolby Surround.
Features
• Dolby Pro Logic Surround decoding with a single
chip
• 2-channel 1-bit AD converter, decimation filter and
prefilter operational amplifier
• 4-channel 1-bit DA converter, oversampling filter
and post filter
• Analog switch for DSP bypass
• Analog electronic attenuator (+1.5 to –29.5dB) for
center/surround channel trim
• 24K-bit SRAM for short delay
• No separation or other variance for digital
processing
• External parts reduced by incorporating analog
circuits
Functions
• Adaptive matrix
• Center channel mode control
(Normal/Phantom/Wide)
• Dolby 3 Stereo
• Auto input balance control (ON/OFF)
• Noise sequencer
• Variable delay time (0 to 34.8ms)
• 7 kHz low-pass filter (12dB/Oct)
• Modified Dolby B-type NR
• Simple SFC function
• Virtual Dolby Surround
• SFC mode
• DSP bypass mode (L, R-channel through)
Structure
Silicon gate CMOS
Applications
Equipment having Dolby Pro Logic Surround
function such as AV amplifiers, receivers and
compact music systems
Absolute Maximum Ratings (Ta = 25°C, VSS = 0V)
• Supply voltage
VDD
VSS – 0.5 to +7.0
V
• Input voltage
VI
VSS – 0.5 to VDD + 0.5
V
• Output voltage
VO
VSS – 0.5 to VDD + 0.5
V
• Operating temperature
Topr
–20 to +70
°C
• Storage temperature
Tstg
–55 to +150
*C
Recommended Operating Conditions
• Supply voltage
VDD
Analog system
4.75 to 5.25 (5.0 typ.)
V
Digital system
4.50 to 5.25 (5.0 typ.)
V
• Operating temperature
Ta
–20 to +70
°C
Input/Output Capacitance
• Input capacitance CIN
9 (max.)
pF
• Output capacitance COUT
11 (max.)
pF
• Input/output capacitance
CI/O
11 (max.)
pF
∗ Measurement conditions: V
DD
= VI = 0V, F = 1MHz
Maximum Current Consumption
(Ta = 25°C, VDD = 5.25V)
• Digital/analog block total: 166.7mA
Dolby level
• During analog input: 200 to 300mVrms
• During digital input: –20dBFS
Analog characteristics
Pro Logic ON: Dolby level = 300mVrms
Prefilter gain = –3.52dB
• S/N: L, Rch = 80dB, C, Sch = 72dB
• THD + N: L, Rch = 0.015%, C, Sch = 0.03%
∗ All values for typ.
– 1 –
E98829A8X-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXD2724AQ-1
80 pin QFP (Plastic)
This device is available only to arties obtaining the license from Dolby Laboratories Licensing Cor oration.
"Dolby", the double-D symbol
and "Pro Logic" are trademarks of Dolby Laboratories Licensing Corporation.
For the availability of this product, please contact the sales office.


Similar Part No. - CXD2724AQ-1

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-3 SONY-CXD2724AQ-3 Datasheet
498Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-1

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-3 SONY-CXD2724AQ-3 Datasheet
498Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com