Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD2724AQ-3 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD2724AQ-3
Description  Single-Chip Dolby Pro Logic Surround Decoder
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2724AQ-3 Datasheet(HTML) 5 Page - Sony Corporation

  CXD2724AQ-3 Datasheet HTML 1Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 2Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 3Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 4Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 5Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 6Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 7Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 8Page - Sony Corporation CXD2724AQ-3 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
– 5 –
CXD2724AQ-3
DC Characteristics
(AVD1 to 6 = AVDX = VDD0 to 2 = 5V ± 5%, AVS1 to 6 = AVSX = VSS0 to 7 = 0V, Ta = –20 to +70°C)
Item
Symbol
Conditions
Min.
Max.
Unit
Applicable pins
Typ.
V
V
V
V
V
V
V
V
V
V
V
µA
µA
µA
1, ∗2, ∗7
1, ∗2, ∗7
5
5
3, ∗6
3, ∗6
4
8, ∗9
8, ∗9, ∗10
11
11
1, ∗5, ∗7
2, ∗3, ∗6
9, ∗10
Resistance between ∗7 and ∗11
High level
Low level
High level
Low level
High level
Low level
High level
Low level
High level
Low level
Input voltage
(1)
Input voltage
(2)
Input voltage
(3)
Input voltage (4)
Output voltage
(1)
Output voltage
(2)
Input leak current (1)
Input leak current (2)
Output leak current
Feedback resistance
VIH
VIL
VIH
VIL
VIH
VIL
VIN
VOH
VOL
VOH
VOL
II
II
IOZ
RFB
CMOS input
Schmitt input
TTL input
Analog input
IOH = –2.0mA
IOL = 4.0mA
IOH = –12.0mA
IOL = 12.0mA
VIH = VDD, VSS
VIH = VDD, VSS
VIH = VDD, VSS
0.7VDD
0.8VDD
2.2
VSS
VDD – 0.8
VDD/2
–10
–40
–40
250k
1M
0.3VDD
0.2VDD
0.8
VDD
0.4
VDD/2
10
40
40
2.5M
1 CSL2, CSL1, TST0 to TST4, XMST
2 XLAT, RVDT, XS24, SCK
3 SI
4 LIN, RIN
5 XRST
6 During input to bidirectional pins BCK, LRCK
7 XTLI
8 During output from bidirectional pins BCK, LRCK
9 BFOT
10 REDY
11 XTLO


Similar Part No. - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
More results

Similar Description - CXD2724AQ-3

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2728Q SONY-CXD2728Q Datasheet
476Kb / 61P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2724AQ-1 SONY-CXD2724AQ-1 Datasheet
611Kb / 65P
   Single-Chip Dolby Pro Logic Surround Decoder
CXD2719Q SONY-CXD2719Q Datasheet
457Kb / 58P
   Single-Chip Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com