Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6423 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6423
Description  囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 擁끻컦??00mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6423 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6423 Datasheet HTML 1Page - Torex Semiconductor XC6423 Datasheet HTML 2Page - Torex Semiconductor XC6423 Datasheet HTML 3Page - Torex Semiconductor XC6423 Datasheet HTML 4Page - Torex Semiconductor XC6423 Datasheet HTML 5Page - Torex Semiconductor XC6423 Datasheet HTML 6Page - Torex Semiconductor XC6423 Datasheet HTML 7Page - Torex Semiconductor XC6423 Datasheet HTML 8Page - Torex Semiconductor XC6423 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5/24
XC6423
シリーズ
■電気的特性
XC6423 シリーズ
レギュレータ1、レギュレータ2 共通 (*6)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
VOUT(T)×0.99
(*2)
VOUT(T)
(*2)
VOUT(T)×1.01
(*2)
VOUT≧2.0V, IOUT=10mA
“E-0”
(*3)
VOUT(T)ー 0.02
(*2)
VOUT(T)
(*2)
VOUT(T)+0.02
(*2)
Output Voltage
VOUT(E)
(*1)
VOUT<2.0V, IOUT=10mA
“E-0”
(*3)
V
Maximum Output Current
IOUTMAX
-
300
-
-
mA
Load Regulation
ΔVOUT
0.1mA≦IOUT≦300mA
-
17
37
mV
Dropout Voltage
Vdif
(*4)
IOUT=300mA
-
“E-1”
(*5)
mV
Supply Current
IDD
IOUT=0mA
-
90
190
μ
A
Stand-by Current
ISTB
VEN=VSS
-
0.01
0.10
μ
A
VOUT(T)≦2.0V, IOUT =30mA
2.5V≦VIN≦5.5V
Line Regulation
ΔVOUT/
(ΔVIN・VOUT)
VOUT(T)≧2.05V, IOUT =30mA
VOUT(T)+0.5V≦VIN≦5.5V
-
0.02
0.10
%/V
Input Voltage
VIN
-
1.6
-
5.5
V
Output Voltage
Temperature Characteristics
(R&D Value)
ΔVOUT/
(ΔTopr・VOUT)
IOUT=10mA,
-40℃≦Topr≦85℃
-
±100
-
ppm /℃
Power Supply
Rejection Ratio
PSRR
VIN={VOUT(T)+1.0}+0.5Vp-pAC
VEN=VOUT(T)+1.0V
IOUT=30mA, f=1kHz
-
75
-
dB
Current Limit
ILIM
-
310
450
-
mA
Short-circuit Current
ISHORT
VOUT=VSS
-
125
-
mA
EN "H" Level Voltage
VENH
-
0.9
-
5.5
V
EN "L" Level Voltage
VENL
-
VSS
-
0.3
V
EN "H" Level Current
IENH
VEN=VIN=5.5V
2.9
6.0
9.5
μ
A
EN "L" Level Current
IENL
VEN=VSS
-0.1
-
0.1
μ
A
CL Auto-discharge
Resistance
RDCHG
VIN =5.5V, VEN=VSS,
VOUT =2.0V
-
230
-
Inrush Current
IRUSH
VIN=5.5V, VCE=0→5.5V
-
150
-
mA
Thermal Shutdown
Detect Temperature
TTSD
ジャンクション温度
-
150
-
Thermal Shutdown
Release Temperature
TTSR
ジャンクション温度
-
125
-
Thermal Shutdown
Hysteresis Width
TTSD-TTSR
ジャンクション温度
-
25
-
特に指定がない場合、
VIN=VOUT(T)+1.0V, VEN=VIN
(*1) VOUT(E): 実際の出力電圧値。
(*2) VOUT(T): 設定出力電圧値。
(*3) E-0: OUTPUT VOLTAGE 電圧別一覧表を参照。
(*4) Vdif={VIN1-VOUT1}と定義する。
VIN1: 入力電圧を徐々に下げて VOUT1 が出力された時の入力電圧値。
VOUT1: IOUT 毎に十分安定した VIN(=VOUT(T)+1.0V)を入力したときの出力電圧に対して 98%の電圧。
(*5) E-1: DROPOUT VOLTAGE 電圧別一覧表を参照。
(*6) E-1: 各 ch.測定時にはもう一方の ch.については動作 OFF(VEN=VSS)とする。
Ta=25℃


Similar Part No. - XC6423

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6420 TOREX-XC6420 Datasheet
789Kb / 26P
   150mA 弱뤷엹遙섌?Dual LDO ?с궙?γ꺃?쇈궭, ON/OFF ?밤궎?껁긽餓섅걤
XC6421 TOREX-XC6421 Datasheet
731Kb / 25P
   囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 弱뤷엹300mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
More results

Similar Description - XC6423

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6233 TOREX-XC6233 Datasheet
827Kb / 30P
   囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
XC6421 TOREX-XC6421 Datasheet
731Kb / 25P
   囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 弱뤷엹300mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
XC6420 TOREX-XC6420 Datasheet
789Kb / 26P
   150mA 弱뤷엹遙섌?Dual LDO ?с궙?γ꺃?쇈궭, ON/OFF ?밤궎?껁긽餓섅걤
XC2408A816UR-G TOREX-XC2408A816UR-G Datasheet
455Kb / 18P
   1.6GHz ON/OFF 艅잒꺗餓섅걤 LNA
XC2406A816UR-G TOREX-XC2406A816UR-G Datasheet
429Kb / 18P
   1.6GHz ON/OFF 艅잒꺗餓섅걤LNA
XC2407A816UR-G TOREX-XC2407A816UR-G Datasheet
481Kb / 18P
   1.6GHz ON/OFF 艅잒꺗餓섅걤LNA
logo
Asahi Kasei Microsystem...
CQ-2093 AKM-CQ-2093 Datasheet
487Kb / 12P
   遙섌?恙쒐춸 弱뤷엹 ?삥탛?삠꺍?
logo
Torex Semiconductor
XC6126 TOREX-XC6126 Datasheet
222Kb / 9P
   擁끻컦??遙섊꼐佯??섉찣?썽쎔?㎪쩂?뷴솳
XA6121 TOREX-XA6121 Datasheet
378Kb / 27P
   ?╉궔?껁긽?됥긿??ON/OFF 艅잒꺗餓섅걤?삣쑇濾쒎눣?⑨펷VDF=1.6V節?.0V
XC6902 TOREX-XC6902 Datasheet
513Kb / 23P
   -16V ?ε뒟縕좈쎔?㎩엹3 塋?춴?с궙?γ꺃?쇈궭
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com