Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

760801130 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 760801130
Description  WE-PFC PFC Choke
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

760801130 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  760801130 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 760801130 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 760801130 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 760801130 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 760801130 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1.1
1.0
REV
2012-06-28
2012-05-01
DATE
SSt
SSt
BY
SSt
MiBr
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PFC PFC Choke
Order.- No.
760801130
SIZE
A4
Size: RM10
A Dimensions: [mm]
B Hole Pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated Current
Saturation Current
DC Resistance 1
DC Resistance 2
Input Voltage
Turns Ratio
Output Power 1
Insulation Test Voltage
Test conditions
100 kHz/ 100 mV
∆T = 40 K
|ΔL/L| < 20%
L
IR
Isat
RDC1
RDC2
Ui
n
Po
UT
Value
750
0.9
3.9
720
320
85-265
90:8
75
1500
Unit
µH
A
A
V (AC)
W
V (AC)
Tol.
±10%
max.
typ.
max.
max.
±3%
E General information:
It is recommended that the temperature of the part does not exceed 125°C un-
der worst case operating conditions.
Ambient temperature: -40°C to +85°C (refering to IR)
Operating temperature: -40°C to +125°C
Storage temperature (in tray packaging): -20°C to +40°C; 75% RH max.
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 760801130

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
760801131 WURTH-760801131 Datasheet
503Kb / 5P
   WE-PFC PFC Choke
More results

Similar Description - 760801130

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
760801021 WURTH-760801021 Datasheet
487Kb / 5P
   WE-PFC PFC Choke
760801131 WURTH-760801131 Datasheet
503Kb / 5P
   WE-PFC PFC Choke
760804310 WURTH-760804310 Datasheet
484Kb / 5P
   WE-PFC PFC Choke
760806302 WURTH-760806302 Datasheet
529Kb / 5P
   WE-PFC PFC Choke
760804110 WURTH-760804110 Datasheet
515Kb / 5P
   WE-PFC PFC Choke
760802122 WURTH-760802122 Datasheet
495Kb / 5P
   WE-PFC PFC Choke
760805211 WURTH-760805211 Datasheet
488Kb / 5P
   WE-PFC PFC Choke
760806200 WURTH-760806200 Datasheet
487Kb / 5P
   WE-PFC PFC Choke
760800080 WURTH-760800080 Datasheet
506Kb / 5P
   WE-PFC PFC Choke
760801031 WURTH-760801031 Datasheet
507Kb / 5P
   WE-PFC PFC Choke
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com