Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS39300CM50 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS39300CM50
Description  3A Ultra Low Dropout Voltage Regulator with Multi-Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39300CM50 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS39300CM50 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39300CM50 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39300CM50 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39300CM50 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39300CM50 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39300CM50 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39300CM50 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39300CM50 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39300CM50 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TS39300/1/2/3
3A Ultra Low Dropout Voltage Regulator
with Multi-Function
2/12
Version: B07
Absolute Maximum Rating (Note 1)
Supply Voltage
VIN
-20V ~ +20
V
Enable Voltage
VEN
+20
V
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
ESD
(Note 3)
Operating Rating (Note 2)
Operation Input Voltage
VIN (operate)
+2.25 ~ +16
V
Operation Enable Voltage
VEN (operate)
+2.25 ~ +16
V
Power Dissipation (Note 4)
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Electrical Characteristics
VIN = VOUT + 1V, VIN =2.5V for fixed reference output voltage, Venable= 2.25V, Ta = 25
oC, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Fixed Output Voltage
10mA ≤ IL ≤ 3A,
Vo+1V ≤ VIN ≤ 8V
0.980|Vo|
VOUT
1.020|Vo|
V
Fixed Reference Output Voltage
IL=10mA
0.980|Vo|
1.020|Vo|
Fixed Reference Output Voltage
10mA ≤ IL ≤ 3A,
2.5V ≤ VIN ≤ 8V
0.970|Vo|
1.24
(VREF)
1.030|Vo|
V
Line Regulation
IL=10mA, Vo+1V ≤ VIN ≤ 8V
--
0.05
0.5
%
Load Regulation
VIN =Vout+1V, 10mA≤IL≤3A
--
0.2
1.0
%
Output Voltage Temp. Coefficient
--
40
100
ppm/
oC
Dropout Voltage (Note 5)
Δ VOUT = -1%
IL=100mA
IL=750mA
IL=1.5A
IL=3A
--
--
--
--
65
185
250
400
200
--
--
550
mV
Quiescent Current (Note 6)
VIN=VOUT +1V
IL=100mA
IL=750mA
IL=1.5A
IL=3A
--
--
--
6
10
17
45
10
20
--
--
mA
Current Limited
VOUT=0, VIN =VOUT+1V
--
4.5
--
A
Reference (TS39302)
Reference Voltage
0.980|Vo|
1.020|Vo|
Reference Voltage
(Note 7)
0.970|Vo|
1.24
1.030|Vo|
V
Adjust Pin Bias Current
--
40
120
nA
Reference Voltage Temp. Coefficient
(Note 8)
--
20
--
ppm/
oC
Adjust Pin Bias Current Temp. Coefficient
--
0.1
--
nA/
oC
Enable Input (TS39301/2/3)
Low (OFF)
--
--
0.8
Input Logic Voltage
High (ON)
2.25
--
--
V
VEN =2.25V
--
--
75
Enable Pin Input Current
VEN =0.8V
--
--
4
uA


Similar Part No. - TS39300CM50

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39300CM TSC-TS39300CM Datasheet
296Kb / 6P
   3A Ultra Low Dropout Positive Voltage Regulator
TS39300CM TSC-TS39300CM Datasheet
502Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CM18 TSC-TS39300CM18 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CM25 TSC-TS39300CM25 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CM33 TSC-TS39300CM33 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

Similar Description - TS39300CM50

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39301CM550 TSC-TS39301CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39303CM550 TSC-TS39303CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ18 TSC-TS39300CZ18 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ50 TSC-TS39300CZ50 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300 TSC-TS39300_08 Datasheet
721Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CM33 TSC-TS39300CM33 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300 TSC-TS39300_07 Datasheet
502Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39303CM533 TSC-TS39303CM533 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM518 TSC-TS39301CM518 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM533 TSC-TS39301CM533 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com