Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM3N80CZC0 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3N80CZC0
Description  800V N-Channel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3N80CZC0 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

Back Button TSM3N80CZC0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3N80CZC0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM3N80CZC0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3N80CZC0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM3N80CZC0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM3N80CZC0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM3N80CZC0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM3N80CZC0 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TSM3N80CZC0 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TSM3N80
800V N-Channel Power MOSFET
6/12
Version: B12
Electrical Characteristics Curve (Ta = 25
oC, unless otherwise noted)
Drain Current vs. Case Temperature
BVDSS vs. Junction Temperature
Maximum Safe Operating Area
Capacitance vs. Drain-Source Voltage
Maximum Safe Operating Area (ITO-220)


Similar Part No. - TSM3N80CZC0

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TSM3N80CIC0 VBSEMI-TSM3N80CIC0 Datasheet
2Mb / 9P
   Power MOSFET
More results

Similar Description - TSM3N80CZC0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
   800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
   800V N-Channel Power MOSFET
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
   800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4N80 TSC-TSM4N80 Datasheet
216Kb / 7P
   800V N-Channel Power MOSFET
TSM4N80_1310 TSC-TSM4N80_1310 Datasheet
446Kb / 10P
   800V N-Channel Power MOSFET
TSM8N80 TSC-TSM8N80 Datasheet
406Kb / 10P
   800V N-Channel Power MOSFET
TSM8N80 TSC-TSM8N80_13 Datasheet
1Mb / 10P
   800V N-Channel Power MOSFET
logo
Unisonic Technologies
7N80Z UTC-7N80Z Datasheet
248Kb / 6P
   7A, 800V N-CHANNEL POWER MOSFET
7N80_1108 UTC-7N80_1108 Datasheet
187Kb / 6P
   7A, 800V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com