Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHPM6B10N120SL Datasheet(PDF) 4 Page - Motorola, Inc

Part # MHPM6B10N120SL
Description  Hybrid Power Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHPM6B10N120SL Datasheet(HTML) 4 Page - Motorola, Inc

  MHPM6B10N120SL Datasheet HTML 1Page - Motorola, Inc MHPM6B10N120SL Datasheet HTML 2Page - Motorola, Inc MHPM6B10N120SL Datasheet HTML 3Page - Motorola, Inc MHPM6B10N120SL Datasheet HTML 4Page - Motorola, Inc MHPM6B10N120SL Datasheet HTML 5Page - Motorola, Inc MHPM6B10N120SL Datasheet HTML 6Page - Motorola, Inc MHPM6B10N120SL Datasheet HTML 7Page - Motorola, Inc MHPM6B10N120SL Datasheet HTML 8Page - Motorola, Inc MHPM6B10N120SL Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MHPM6B10N120 MHPM6B15N120 MHPM6B25N120 SERIES
4
Motorola IGBT Device Data
TYPICAL CHARACTERISTICS
(see also application information)
Figure 1. Forward Characteristics —
Free–Wheeling Diode
Figure 2. Forward Characteristics, TJ = 25°C
Figure 3. Forward Characteristics, TJ = 125°C
Figure 4. Gate–Emitter Voltage versus Total
Gate Charge
Figure 5. Inductive Switching Times versus
Collector Current
Figure 6. Inductive Switching Times versus
Gate Resistance
160
RG, GATE RESISTANCE
(NORMALIZED: RG/RG(RECOMMENDED))
1.0
0
VF, FORWARD VOLTAGE (VOLTS)
2.0
1.0
0
0.5
1.0
1.5
3.5
2.0
0.5
1.5
2.5
3.0
TJ = 125°C
25
°C
10
0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
2.0
1.2
1.0
0.2
0
3.0
1.0
2.0
4.0
5.0
VGE = 18 V
12 V
15 V
9.0 V
8.0
7.0
9.0
6.0
0.4
0.6
0.8
1.8
1.6
1.4
TJ = 125°C
4.5
0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
2.0
1.6
1.0
0.2
0
1.5
0.5
1.0
2.0
4.0
VGE = 18 V
12 V
15 V
9.0 V
3.5
2.5
3.0
1.8
1.2
1.4
0.4
0.6
0.8
TJ = 25°C
25N120
15N120
10N120
100
0
Qg, TOTAL GATE CHARGE (nC)
10
16
4.0
0
60
20
40
80
120
140
2.0
8.0
6.0
14
12
VCE = 400 V
VCE = 500 V
VCE = 600 V
IC, COLLECTOR CURRENT (NORMALIZED: IC/ICmax)
2.2
0
1.0
0.01
0.2
0.4
1.0
1.2
1.4
0.1
10
td(off)
0.6
0.8
1.6
1.8
tf
TJ = 125°C
TJ = 25°C
VCE = 600 V
VGE = 15 V
RG = RG(RECOMMENDED)
3.0
0
10
0.1
0.01
0.5
1.0
1.5
2.0
2.5
1.0
td(off)
tf
TJ = 125°C
TJ = 25°C
VCE = 600 V
VGE = 15 V
IC = ICmax
2.0


Similar Part No. - MHPM6B10N120SL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHPM6B10A120D MOTOROLA-MHPM6B10A120D Datasheet
174Kb / 10P
   Hybrid Power Module
MHPM6B10A60D MOTOROLA-MHPM6B10A60D Datasheet
166Kb / 10P
   Hybrid Power Module
More results

Similar Description - MHPM6B10N120SL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHPM6B15E60D3 MOTOROLA-MHPM6B15E60D3 Datasheet
129Kb / 5P
   Hybrid Power Module
MHPM6B5A120D MOTOROLA-MHPM6B5A120D Datasheet
174Kb / 10P
   Hybrid Power Module
MHPM7A15A60A MOTOROLA-MHPM7A15A60A Datasheet
183Kb / 10P
   Hybrid Power Module
MHPM7A25S120DC3 MOTOROLA-MHPM7A25S120DC3 Datasheet
165Kb / 6P
   Hybrid Power Module
MHPM7A30E60DC3 MOTOROLA-MHPM7A30E60DC3 Datasheet
167Kb / 6P
   Hybrid Power Module
MHPM7A5S120DC3 MOTOROLA-MHPM7A5S120DC3 Datasheet
165Kb / 6P
   Hybrid Power Module
MHPM7B16A120B MOTOROLA-MHPM7B16A120B Datasheet
268Kb / 10P
   Hybrid Power Module
MHPM7B30A60B MOTOROLA-MHPM7B30A60B Datasheet
258Kb / 10P
   Hybrid Power Module
MHPM6B20E60D3 MOTOROLA-MHPM6B20E60D3 Datasheet
124Kb / 5P
   Hybrid Power Module
MHPM7A15S120DC3 MOTOROLA-MHPM7A15S120DC3 Datasheet
165Kb / 6P
   Hybrid Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com