Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07641815 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 07641815
Description  tyco electronics contents
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

07641815 Datasheet(HTML) 3 Page - Tyco Electronics

  07641815 Datasheet HTML 1Page - Tyco Electronics 07641815 Datasheet HTML 2Page - Tyco Electronics 07641815 Datasheet HTML 3Page - Tyco Electronics 07641815 Datasheet HTML 4Page - Tyco Electronics 07641815 Datasheet HTML 5Page - Tyco Electronics 07641815 Datasheet HTML 6Page - Tyco Electronics 07641815 Datasheet HTML 7Page - Tyco Electronics 07641815 Datasheet HTML 8Page - Tyco Electronics 07641815 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 85 page
background image
3
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
TMS-SCE Military Grade Sleeves . . . . . . . .4
HT-SCE High Temperature Sleeves . . . . . .6
HX-SCE Low Fire Hazard Sleeves . . . . . . .8
D-SCE Fluid Resistant Sleeves . . . . . . . . .12
NBC-SCE Nuclear, Biological and Chemical
Resistant Sleeves . . . . . . . . . . . . . . . . . . . . .14
RPS Commercial Grade Sleeves . . . . . . .16
TMS-CCUV UV Resistant Oversleeves . .18
CM-SCE Polyolefin Tags . . . . . . . . . . . . . . .20
HTCM-SCE High Temp Tie-on Tags . . . .22
HLX Low Fire Hazard Tie-on Tags . . . . . .24
HLX-NEL Low Fire Hazard Tie-On Tags .26
HL Tie-On Tags . . . . . . . . . . . . . . . . . . . . . . .28
NMX Flame Retardant
Polyaramid Tags . . . . . . . . . . . . . . . . . . . . . .30
MultiMark . . . . . . . . . . . . . . . . . . . . . . . . . . . .32
iMC Snap-on Cable Clip . . . . . . . . . . . . . . .34
iKC/iKB Tie-On Cable Clip . . . . . . . . . . . . .36
VF/NPVF/VF-130 Polyvinyl Fluoride . .38
RMK-6 Epoxy Coated Polyester . . . . . . .40
RMK Epoxy Coated Polyester . . . . . . . . .42
TTP Polyester . . . . . . . . . . . . . . . . . . . . . . . . .44
HPK Polypropylene . . . . . . . . . . . . . . . . . . .46
SB Thermal Transfer Vinyl . . . . . . . . . . . . .48
SP Self Laminating Polyester . . . . . . . . . .50
PVF Thermal Transfer Polyvinyl
Fluoride . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .52
TW Dot Matrix Vinyl . . . . . . . . . . . . . . . . . .54
PV Dot Matrix Polyvinyl Fluoride . . . . . . .56
LSR Polyester Laser Printable . . . . . . . . .58
CSL Polyester Laser Printable . . . . . . . . .60
TKM Self-writable, Self-laminating
Label Booklet . . . . . . . . . . . . . . . . . . . . . . . . .62
Label Dimensions . . . . . . . . . . . . . . . . . . . . .64
TEK Vinyl Fabric Labels . . . . . . . . . . . . . . .66
CMD Label Dispenser . . . . . . . . . . . . . . . . .68
WCD Label Dispenser . . . . . . . . . . . . . . . . .70
K-Type Cable Markers . . . . . . . . . . . . . . . . .72
G-Type Cable Markers . . . . . . . . . . . . . . . . .74
Z-Type Push On Wire Markers . . . . . . . . .76
V-Type Cable Markers . . . . . . . . . . . . . . . . .78
O-Type Cable Markers . . . . . . . . . . . . . . . . .80
Snap On Markers . . . . . . . . . . . . . . . . . . . . .82
CWM Wire Marker Cards . . . . . . . . . . . . .84
HEAT SHRINK/CABLE MARKERS
PERFORMANCE LABELS
SELF-LAMINATING LABELS
PRE-PRINTED WIRE AND CABLE MARKERS


Similar Part No. - 07641815

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0764101104 MOLEX11-0764101104 Datasheet
45Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Male Header, Unguided, Open Endwall
0764101107 MOLEX11-0764101107 Datasheet
45Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Male Header, Unguided, Open Endwall
0764101108 MOLEX11-0764101108 Datasheet
45Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Male Header, Unguided, Open Endwall
0764101117 MOLEX11-0764101117 Datasheet
38Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Male Header, Unguided, Left Endwall
0764101127 MOLEX11-0764101127 Datasheet
48Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Male Header, Unguided, Dual Endwall
More results

Similar Description - 07641815

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT22AT30B MACOM-PT22AT30B Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
ASTMD3652 MACOM-ASTMD3652 Datasheet
308Kb / 12P
   Tyco Electronics Solar Identification Labels
PT52A730B MACOM-PT52A730B Datasheet
526Kb / 1P
   Tyco Electronics Corporation Shen Zhen, Ching
logo
List of Unclassifed Man...
DW5937 ETC-DW5937 Datasheet
5Mb / 24P
   CONTENTS
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
Freescale Semiconductor...
MC908AP16CFAE FREESCALE-MC908AP16CFAE Datasheet
1Mb / 324P
   Table of Contents
logo
Renesas Technology Corp
TSI721 RENESAS-TSI721 Datasheet
633Kb / 67P
   Table of Contents
April 4, 2016
logo
AVX Corporation
9159 AVX-9159 Datasheet
2Mb / 63P
   Table of Contents
logo
Analog Devices
ADP1761-EVALZ AD-ADP1761-EVALZ Datasheet
486Kb / 9P
   TABLE OF CONTENTS
logo
Tyco Electronics
3-641214-8 MACOM-3-641214-8 Datasheet
2Mb / 84P
   Table of Contents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com