Electronic Components Datasheet Search |
|
Y-CONC-R622U-MH3B-2000-A Datasheet(PDF) 6 Page - Yamaichi Electronics Co., Ltd. |
|
Y-CONC-R622U-MH3B-2000-A Datasheet(HTML) 6 Page - Yamaichi Electronics Co., Ltd. |
6 / 42 page Description: IP67 protective transport cap for Y-ConCover-10-* / Y-ConCover-40-* IP67-Transportschutzabdeckung für Y-ConCover-10-* / Y-ConCover-40-* Part No.: Y-ConAS-21 Accessories TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER 5 IP67/68/69K Protected Components Description: IP67/68/69K metal cover EMI version for self-assembly with Y-Con plugs and cables, with Twist-Lock open and close mechanism, complete with latches, seals and terminator cap. Assembled EMI spring and additional EMI washer for improved EMI protection IP67/68/69K-Metallgehäuse EMV (Twist-Lock) mit Schraubverschluss zur Selbstmontage mit Y-Con Kabelsteckern und Kabeln, komplett mit Rasthaken, Dichtungen und Abschlusskappe. Assemblierte EMV Feder plus zusätzliche EMV Scheibe für verbesserten EMV Schutz Material: Body Die-cast zinc Gehäuse Seal FKM (Viton®) or HNBR Dichtung Fixing clips Stainless steel Rasthaken EMI Spring Phosphor Bronze EMV Feder EMI Washer Phosphor Bronze EMV Scheibe Specifications: Operating Temp.: Std. - 20°C ~ +120°C Betriebstemp. LT - 40°C ~ +120°C Part Number Low Temperature Type EMI Spring Y-ConCover-40-E No Yes Y-ConCover-40-LT-E Yes Yes Series Design Number No Mark = Std. LT = Low Temp. E = EMI Version Y-ConCover - 40 - ** - E Part Number (Details) Material: Body PE Gehäuse Colour Transparent white Farbe Specifications: Operating Temp.: -20°C ~+80°C Betriebstemp. EMI Spring (pre-assembled) EMI Washer (not assembled) Outline Dimensions |
Similar Part No. - Y-CONC-R622U-MH3B-2000-A |
|
Similar Description - Y-CONC-R622U-MH3B-2000-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |