Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XBDAWT-00-0000-00000LDE4 Datasheet(PDF) 11 Page - Cree, Inc

Part # XBDAWT-00-0000-00000LDE4
Description  Cree짰 XLamp짰 XB-D LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XBDAWT-00-0000-00000LDE4 Datasheet(HTML) 11 Page - Cree, Inc

Back Button XBDAWT-00-0000-00000LDE4 Datasheet HTML 7Page - Cree, Inc XBDAWT-00-0000-00000LDE4 Datasheet HTML 8Page - Cree, Inc XBDAWT-00-0000-00000LDE4 Datasheet HTML 9Page - Cree, Inc XBDAWT-00-0000-00000LDE4 Datasheet HTML 10Page - Cree, Inc XBDAWT-00-0000-00000LDE4 Datasheet HTML 11Page - Cree, Inc XBDAWT-00-0000-00000LDE4 Datasheet HTML 12Page - Cree, Inc XBDAWT-00-0000-00000LDE4 Datasheet HTML 13Page - Cree, Inc XBDAWT-00-0000-00000LDE4 Datasheet HTML 14Page - Cree, Inc XBDAWT-00-0000-00000LDE4 Datasheet HTML 15Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Copyright © 2011-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
11
xlamp xB-D leDs
relative fluX vs. curreNt (t
J = 25 °c) - coNtiNued
relative chromaticity vs. curreNt (Warm White)
Relative Intensity vs. Current (Tj = 25ºC)
royal blue
0
50
100
150
200
250
300
0
100
200
300
400
500
600
700
800
900
1000
Forward Current (mA)
Royal Blue
Relative Chromaticity Vs. Current, WW
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
100
200
300
400
500
600
700
800
900
1000
Current (mA)
ΔCCx
ΔCCy
T
J
= 85 °C


Similar Part No. - XBDAWT-00-0000-00000LDE4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDAWT-00-0000-00000LDE4 CREE-XBDAWT-00-0000-00000LDE4 Datasheet
1Mb / 17P
   XLAMP XB-D LEDS
XBDAWT-00-0000-00000LDE4 CREE-XBDAWT-00-0000-00000LDE4 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
XBDAWT-00-0000-00000LDE4 CREE-XBDAWT-00-0000-00000LDE4 Datasheet
1Mb / 18P
   XLAMP XB-D LEDS
XBDAWT-00-0000-00000LDE4 CREE-XBDAWT-00-0000-00000LDE4 Datasheet
1Mb / 19P
   XLamp XB-D LEDs
More results

Similar Description - XBDAWT-00-0000-00000LDE4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-AP90 CREE-CLD-AP90 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XB-D LEDs
CLD-DS45 CREE-CLD-DS45 Datasheet
1,020Kb / 12P
   Cree짰 XLamp짰 XB-D White LEDs
CLD-AP91 CREE-CLD-AP91 Datasheet
1Mb / 13P
   Cree짰 XLamp짰 XB-D White LEDs
XD16 CREE-XD16 Datasheet
2Mb / 29P
   Cree짰 XLamp짰 XD16 LEDs
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MX6AWT-A1-0000-000C51 CREE-MX6AWT-A1-0000-000C51 Datasheet
955Kb / 10P
   Cree짰 XLamp짰 MX-6 LEDs
XPBL CREE-XPBL Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com