Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD3300R Datasheet(PDF) 9 Page - Sony Corporation

Part # CXD3300R
Description  10-bit 20MSPS Video A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3300R Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXD3300R Datasheet HTML 5Page - Sony Corporation CXD3300R Datasheet HTML 6Page - Sony Corporation CXD3300R Datasheet HTML 7Page - Sony Corporation CXD3300R Datasheet HTML 8Page - Sony Corporation CXD3300R Datasheet HTML 9Page - Sony Corporation CXD3300R Datasheet HTML 10Page - Sony Corporation CXD3300R Datasheet HTML 11Page - Sony Corporation CXD3300R Datasheet HTML 12Page - Sony Corporation CXD3300R Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
– 9 –
CXD3300R
SNR
SFDR
6
6
1.0
0.3
9
7
50
50
50
50
45
44
52
52
52
52
49
50
%
deg
ns
ns
18
8
dB
dB
SNR
SFDR
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
FIN = 100kHz
FIN = 500kHz
FIN = 1MHz
FIN = 3MHz
FIN = 7MHz
FIN = 10MHz
FIN = 100kHz
FIN = 500kHz
FIN = 1MHz
FIN = 3MHz
FIN = 7MHz
FIN = 10MHz
Differential gain error
Differential phase error
Output data delay
Sampling delay
NTSC 40 IRE mod
ramp, Fc = 14.3MSPS
CL = 3pF, Ta = –40 to +85°C
DG
DP
tDL
tSD


Similar Part No. - CXD3300R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003 SONY-CXD3003 Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
More results

Similar Description - CXD3300R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2310AR SONY-CXD2310AR Datasheet
302Kb / 16P
   10-bit 20MSPS Video A/D Converter
CXD2311AR SONY-CXD2311AR Datasheet
307Kb / 16P
   10-bit 20MSPS Video A/D Converter
CXD2312R SONY-CXD2312R Datasheet
305Kb / 16P
   9-bit 20MSPS Video A/D Converter
CXA1977R SONY-CXA1977R Datasheet
273Kb / 16P
   10-bit 20MSPS A/D Converter
CXD1172AM SONY-CXD1172AM Datasheet
364Kb / 11P
   6-bit 20MSPS Video A/D Converter (CMOS)
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI1172 INTERSIL-HI1172_00 Datasheet
82Kb / 7P
   6-Bit, 20MSPS, Video A/D Converter (CMOS)
logo
Aimtron Technology
AT1175 AIMTRON-AT1175 Datasheet
223Kb / 6P
   8-BIT 20MSPS CMOS VIDEO A/D CONVERTER
logo
Sony Corporation
CXD1176Q SONY-CXD1176Q Datasheet
402Kb / 25P
   8-bit 20MSPS Video A/D Converter with Clamp Function
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com