Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKD04N60R Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IKD04N60R
Description  ?쏳C-D Fast?? RC-Drives IGBT optimized for high switching frequency
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKD04N60R Datasheet(HTML) 5 Page - Infineon Technologies AG

  IKD04N60R Datasheet HTML 1Page - Infineon Technologies AG IKD04N60R Datasheet HTML 2Page - Infineon Technologies AG IKD04N60R Datasheet HTML 3Page - Infineon Technologies AG IKD04N60R Datasheet HTML 4Page - Infineon Technologies AG IKD04N60R Datasheet HTML 5Page - Infineon Technologies AG IKD04N60R Datasheet HTML 6Page - Infineon Technologies AG IKD04N60R Datasheet HTML 7Page - Infineon Technologies AG IKD04N60R Datasheet HTML 8Page - Infineon Technologies AG IKD04N60R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
RC-Drives
Cost-Optimized IGBT for Consumer Drive Application
5
Another application that benefits from the low on-state losses or the RC-Drives is found in
Domestic Aircon systems: the ~1.5 kW BLDC compressor is driven by IGBTs switched by full
sinusoidal PWM hard switching at moderate switching frequencies of 5 to 8 kHz. Again in this
case a device optimized for low conduction losses provides an overall loss reduction.
However the trend observed in low power drives for outdoor and indoor fan of domestic Aircon
systems as well as industrial funs and pumps up to ~200W is to increase the PWM switching
frequency. The reason is twofold: on one side the size of the output filter can be reduced by
keeping the same current ripple. On the other side in small motor drives adopting sensor-less
FOC (Field Oriented Control), were a high dynamic control (torque and speed) of the PMSM
motor is required, the higher switching frequency allows to increase the sampling rate of current
and hence the accuracy of reconstructed rotor position.
In order to meet the rising demands of the IGBTs for the low power motor drive consumer
market, a new version of the RC-Drives IGBT is developed: the IGBT and diode losses are
optimized to reduce the inverter losses at switching frequencies of 18~20kHz. The new family is
called RC-DF, and released in the current classes from 2.5A to 15A in D-PAK packages.


Similar Part No. - IKD04N60R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKD04N60R INFINEON-IKD04N60R Datasheet
368Kb / 2P
   RC-Drive and RC-Drive Fast
09 / 2012
IKD04N60R INFINEON-IKD04N60R Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
IKD04N60RA INFINEON-IKD04N60RA Datasheet
2Mb / 16P
   600V TRENCHSTOPTM RC-Series for hard switching applications
Rev.2.1,2013-02-15
IKD04N60RC2 INFINEON-IKD04N60RC2 Datasheet
1Mb / 16P
   Cost effective monolithically integrated IGBT with Diode
V2.1 2020-09-28
IKD04N60RF INFINEON-IKD04N60RF Datasheet
368Kb / 2P
   RC-Drive and RC-Drive Fast
09 / 2012
More results

Similar Description - IKD04N60R

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7474A AOSMD-AON7474A Datasheet
333Kb / 6P
   Optimized for fast-switching applications
logo
International Rectifier
IRG7RC07SDPBF IRF-IRG7RC07SDPBF Datasheet
299Kb / 11P
   Optimized for line frequency, 50/60Hz switching frequency
logo
IXYS Corporation
IXGA12N120A2 IXYS-IXGA12N120A2 Datasheet
584Kb / 5P
   IGBT Optimized for switching up to 5KHz
IXGA14N120B IXYS-IXGA14N120B Datasheet
156Kb / 5P
   IGBT Optimized for switching up to 35 KHz
IXGN200N60A2 IXYS-IXGN200N60A2 Datasheet
558Kb / 5P
   Optimized for Switching
logo
Microsemi Corporation
1N270 MICROSEMI-1N270 Datasheet
63Kb / 1P
   Optimized for Radio Frequency Response
1N34A MICROSEMI-1N34A Datasheet
61Kb / 1P
   Optimized for Radio Frequency Response
1N100A MICROSEMI-1N100A Datasheet
62Kb / 1P
   Optimized for Radio Frequency Response
1N34A MICROSEMI-1N34A Datasheet
62Kb / 1P
   Optimized for Radio Frequency Response
1N60A MICROSEMI-1N60A Datasheet
57Kb / 1P
   Optimized for Radio Frequency Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com