Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKD15N60R Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IKD15N60R
Description  ?쏳C-D Fast?? RC-Drives IGBT optimized for high switching frequency
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKD15N60R Datasheet(HTML) 4 Page - Infineon Technologies AG

  IKD15N60R Datasheet HTML 1Page - Infineon Technologies AG IKD15N60R Datasheet HTML 2Page - Infineon Technologies AG IKD15N60R Datasheet HTML 3Page - Infineon Technologies AG IKD15N60R Datasheet HTML 4Page - Infineon Technologies AG IKD15N60R Datasheet HTML 5Page - Infineon Technologies AG IKD15N60R Datasheet HTML 6Page - Infineon Technologies AG IKD15N60R Datasheet HTML 7Page - Infineon Technologies AG IKD15N60R Datasheet HTML 8Page - Infineon Technologies AG IKD15N60R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
RC-Drives
Cost-Optimized IGBT for Consumer Drive Application
4
1
Introduction and Short Description of the Product Family
The RC-Drives IGBT technology was released by Infineon at the end of 2009 as a cost-
optimized solution to address the price-sensitive Consumer drives market. This basic technology
provides outstanding performance in BLDC motor drives adopting block commutation
–type of
modulations, were one or both IGBT in the half-bridge are left conducting for 120° of the motor
electrical angle (Dae-Woong Chung et al., IEEE TRANSACTIONS ON INDUSTRIAL
ELECTRONICS, VOL. 46, No. 3, June 1999). Thanks to the low conduction losses of both IGBT
and integrated diode the overall losses are drastically reduced. This type of control is commonly
found in Fridge compressors: by limiting the hard switching events the dV/dt and dI/dt
commutation slopes are avoided, therefore the harmonic content injected into the motor
windings (hence the EMI) is reduced. Below a typical example of this type of commutation found
on a 100W commercial fridge compressor:
Figure 1: High side and low side gate signals for 120° PWM commutation switching


Similar Part No. - IKD15N60R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKD15N60R INFINEON-IKD15N60R Datasheet
368Kb / 2P
   RC-Drive and RC-Drive Fast
09 / 2012
IKD15N60R INFINEON-IKD15N60R Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.4,2014-03-12
IKD15N60RA INFINEON-IKD15N60RA Datasheet
2Mb / 16P
   600V TRENCHSTOPTM RC-Series for hard switching applications
Rev.2.1,2013-02-15
IKD15N60RC2 INFINEON-IKD15N60RC2 Datasheet
1Mb / 16P
   Cost effective monolithically integrated IGBT with Diode
V2.1 2020-09-28
IKD15N60RF INFINEON-IKD15N60RF Datasheet
368Kb / 2P
   RC-Drive and RC-Drive Fast
09 / 2012
More results

Similar Description - IKD15N60R

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7474A AOSMD-AON7474A Datasheet
333Kb / 6P
   Optimized for fast-switching applications
logo
International Rectifier
IRG7RC07SDPBF IRF-IRG7RC07SDPBF Datasheet
299Kb / 11P
   Optimized for line frequency, 50/60Hz switching frequency
logo
IXYS Corporation
IXGA12N120A2 IXYS-IXGA12N120A2 Datasheet
584Kb / 5P
   IGBT Optimized for switching up to 5KHz
IXGA14N120B IXYS-IXGA14N120B Datasheet
156Kb / 5P
   IGBT Optimized for switching up to 35 KHz
IXGN200N60A2 IXYS-IXGN200N60A2 Datasheet
558Kb / 5P
   Optimized for Switching
logo
Microsemi Corporation
1N270 MICROSEMI-1N270 Datasheet
63Kb / 1P
   Optimized for Radio Frequency Response
1N34A MICROSEMI-1N34A Datasheet
61Kb / 1P
   Optimized for Radio Frequency Response
1N100A MICROSEMI-1N100A Datasheet
62Kb / 1P
   Optimized for Radio Frequency Response
1N34A MICROSEMI-1N34A Datasheet
62Kb / 1P
   Optimized for Radio Frequency Response
1N60A MICROSEMI-1N60A Datasheet
57Kb / 1P
   Optimized for Radio Frequency Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com