Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDK03G65C5 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IDK03G65C5
Description  650V SiC thinQ!??Generation 5 diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDK03G65C5 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IDK03G65C5 Datasheet HTML 1Page - Infineon Technologies AG IDK03G65C5 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
Published by
Infineon Technologies Austria AG
9500 Villach, Austria
© 2012 Infineon Technologies AG.
All Rights Reserved.
Visit us:
www.infineon.com
Order Number: B152-H9677-G1-X-7600-DB2012-0016
Date: 09 / 2012
AttEntion plEAsE!
The information given in this document shall in no event
be regarded as a guarantee of conditions or characteristics
(“Beschaffenheitsgarantie”). With respect to any examples
or hints given herein, any typical values stated herein and/
or any information regarding the application of the device,
Infineon Technologies hereby disclaims any and all warran-
ties and liabilities of any kind, including without limita-
tion warranties of non-infringement of intellectual property
rights of any third party.
informAtion
For further information on technology, delivery terms and
conditions and prices please contact your nearest Infineon
Technologies Office (www.infineon.com).
WArnings
Due to technical requirements components may contain
dangerous substances. For information on the types in
question please contact your nearest Infineon Technologies
Office. Infineon Technologies Components may only be
used in life-support devices or systems with the express
written approval of Infineon Technologies, if a failure of
such components can reasonably be expected to cause
the failure of that life-support device or system, or to affect
the safety or effectiveness of that device or system. Life
support devices or systems are intended to be implanted
in the human body, or to support and/or maintain and
sustain and/or protect human life. If they fail, it is reason-
able to assume that the health of the user or other persons
may be endangered.
650V SiC thinQ!™ Generation 5 diodes
Your way is our way: improve efficiency and solution costs
infineon: leading technology
planned product portfolio
An important achievement with Gen 5 is the industrial implementation of
a thinning process which allows reducing the wafer thickness to almost
1/3 while maintaining the proven quality and yield levels. The thinning
reduces the resistive contribution of the substrate (see picture on the
right) and one of its most striking benefit is a consistent improvement of
the surge current robustness, now at comparable level or even higher (for
IF <10A) than for G2 in spite of a smaller chip size.
In combination with our proprietary diffusion soldering, the reduced
thickness further contributes to decrease the overall thermal resistance
in the package. The pictures below show the temperature increase at the
junction under given forward current conditions for the same device area:
Left: 350µm chip with 60µm soft solder; middle: 350µm chip with diff.
solder; right: 110µm chip with diff. solder
Please check the single product status/availability on: www.infineon.com/sic
650V
TO-220 R2L
TO-247New!
D2PAK R2LNew!
ThinPAK 8x8New!
2A
IDH02G65C5
IDK02G65C5
IDL02G65C5
3A
IDH03G65C5
IDK03G65C5
4A
IDH04G65C5
IDK04G65C5
IDL04G65C5
5A
IDH05G65C5
IDK05G65C5
6A
IDH06G65C5
IDK06G65C5
IDL06G65C5
8A
IDH08G65C5
IDK08G65C5
IDL08G65C5
9A
IDH09G65C5
IDK09G65C5
10A
IDH10G65C5
IDW10G65C5
IDK10G65C5
IDL10G65C5
12A
IDH12G65C5
IDW12G65C5
IDK12G65C5
IDL12G65C5
16A
IDH16G65C5
IDW16G65C5
20A
IDH20G65C5
IDW20G65C5
30A
IDW30G65C5
40A
IDW40G65C5
60
50
40
30
20
10
0
0
2
4
6
8
VF [V]
G5
G2-G3
d=350µm@175°C
d=110µm@175°C


Similar Part No. - IDK03G65C5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDK03G65C5 INFINEON-IDK03G65C5 Datasheet
1Mb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-07-20
IDK03G65C5 INFINEON-IDK03G65C5_13 Datasheet
1Mb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-07-20
More results

Similar Description - IDK03G65C5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW10G65C5 INFINEON-IDW10G65C5_V01 Datasheet
1Mb / 11P
   5t h Generation thinQ!TM 650V SiC Schottky Diode
Rev. 2.2, 2013-01-15
IDH16G65C5 INFINEON-IDH16G65C5_V01 Datasheet
1Mb / 11P
   5t h Generation thinQ!TM 650V SiC Schottky Diode
Rev. 2.2, 2012-12-10
IDV03S60C INFINEON-IDV03S60C Datasheet
1Mb / 10P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1, 2010-02-16
IDC06S60C INFINEON-IDC06S60C Datasheet
61Kb / 4P
   2nd generation thinQ SiC Schottky Diode
05.04.2006
IDC08S60C INFINEON-IDC08S60C Datasheet
59Kb / 4P
   2nd generation thinQ SiC Schottky Diode
27.04.2006
IDB10S60C INFINEON-IDB10S60C Datasheet
575Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2009-01-07
IDH06S60C INFINEON-IDH06S60C Datasheet
440Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2009-06-02
IDV04S60C INFINEON-IDV04S60C Datasheet
1Mb / 10P
   2nd Generation thinQ! SiC Schottky Diode
Rev. 2.0, 2010-01-08
IDT12S60C INFINEON-IDT12S60C Datasheet
236Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-03-14
IDT05S60C INFINEON-IDT05S60C_08 Datasheet
426Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2008-06-06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com