Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD50R280CE Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IPD50R280CE
Description  500V Superjunction MOSFET for Consumer and Lighting Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD50R280CE Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IPD50R280CE Datasheet HTML 4Page - Infineon Technologies AG IPD50R280CE Datasheet HTML 5Page - Infineon Technologies AG IPD50R280CE Datasheet HTML 6Page - Infineon Technologies AG IPD50R280CE Datasheet HTML 7Page - Infineon Technologies AG IPD50R280CE Datasheet HTML 8Page - Infineon Technologies AG IPD50R280CE Datasheet HTML 9Page - Infineon Technologies AG IPD50R280CE Datasheet HTML 10Page - Infineon Technologies AG IPD50R280CE Datasheet HTML 11Page - Infineon Technologies AG IPD50R280CE Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
500V CoolMOS
TM CE
8
Application Note AN 2012-04
V1.0 April 2012
Figure 3: simplified small signal MOSFET equivalent circuit
Because of this capacitance reduction the Eon and Eoff of the 500V CE is about half in comparison to a
standard MOSFET. Furthermore this reduction of capacitances results also in a reduced gate charge Qg
which gives the benefit of reduced driving losses, and the possibility to use a lower cost driver with less gate
drive capability. Figure 4 represents the capacitance comparison of the 500V CE (280mOhm) vs. a
comparable standard MOSFET.
Figure 4: capacitance comparison 500V CE vs. standard MOSFET
1
10
100
1000
10000
0
100
200
300
400
500
VDS [V]
Capacitances
IPA50R280CE vs. Standard MOSFET
IPA50R280CE Ciss
IPA50R280CE Coss
IPA50R280CE Crss
standard MOS Ciss
standard MOS Coss
standard MOS Crss


Similar Part No. - IPD50R280CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD50R280CE INFINEON-IPD50R280CE Datasheet
1Mb / 2P
   500V CoolMOS??CE Power MOSFET
10 / 2012
IPD50R280CE INFINEON-IPD50R280CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
logo
Inchange Semiconductor ...
IPD50R280CE ISC-IPD50R280CE Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPD50R280CE INFINEON-IPD50R280CE_16 Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13
More results

Similar Description - IPD50R280CE

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
WLP4958124A02 TAOGLAS-WLP4958124A02 Datasheet
860Kb / 12P
   For Wi-Fi Industrial and Consumer Applications
logo
IXYS Corporation
IXKK85N60C IXYS-IXKK85N60C Datasheet
110Kb / 4P
   CoolMOSTM Superjunction MOSFET
logo
Freescale Semiconductor...
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
logo
NXP Semiconductors
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
STMicroelectronics
ST25R3916B STMICROELECTRONICS-ST25R3916B Datasheet
2Mb / 165P
   NFC reader for payment, consumer and industrial applications
March 2023 Rev 7
logo
Freescale Semiconductor...
MCIMX257DJM4A FREESCALE-MCIMX257DJM4A Datasheet
2Mb / 153P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX515DJM8CR2 FREESCALE-MCIMX515DJM8CR2 Datasheet
4Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_09 Datasheet
3Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
logo
NXP Semiconductors
IMX51CEC NXP-IMX51CEC Datasheet
3Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
Rev. 6, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com