Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6640U Datasheet(PDF) 5 Page - STMicroelectronics

Part # 1N6640U
Description  Aerospace 0.3 A - 75 V switching diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N6640U Datasheet(HTML) 5 Page - STMicroelectronics

  1N6640U Datasheet HTML 1Page - STMicroelectronics 1N6640U Datasheet HTML 2Page - STMicroelectronics 1N6640U Datasheet HTML 3Page - STMicroelectronics 1N6640U Datasheet HTML 4Page - STMicroelectronics 1N6640U Datasheet HTML 5Page - STMicroelectronics 1N6640U Datasheet HTML 6Page - STMicroelectronics 1N6640U Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1N6640U
Package information
Doc ID 16971 Rev 2
5/7
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 6.
Leadless chip carrier 2 (LCC-2D) package dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ. Max.
Min.
Typ.
Max.
A(1)
1.
Measurement prior to solder coating the mounting pads on bottom of package
1.86
2.03
2.20
0.073
0.080
0.087
B
4.44
4.57
4.77
0.175
0.180
0.188
C
1.84
1.97
2.10
0.072
0.078
0.083
D
1.53
1.70
1.87
0.060
0.067
0.074
E
0.48
-
0.71
0.019
-
0.028
F
-
1.3
-
-
0.051
-
G
-
1.67
-
-
0.066
-
H
-
0.37
-
-
0.015
-
I
-
0.15
-
-
0.006
-
r1
-
0.15
-
-
0.006
-
r2
-
0.20
-
-
0.008
-
Note 1: The anode is identified by metallization in two top internal angles and the index mark.
Pin 2 Cathode
Pin 1 Anode
2
1
2
1
r2
r1
G
E
I
H
E
Note 1
Note 1
Note 1
F
D
A
B
C


Similar Part No. - 1N6640U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N6640U ETC1-1N6640U Datasheet
63Kb / 4P
   SIGNAL OR COMPUTER DIODE
logo
Compensated Deuices Inc...
1N6640US CDI-DIODE-1N6640US Datasheet
70Kb / 2P
   SWITCHING DIODES
logo
Microsemi Corporation
1N6640US MICROSEMI-1N6640US Datasheet
34Kb / 1P
   300 mAmp 75-100 Volts 4 nsec Computer Switching Diode
1N6640US MICROSEMI-1N6640US Datasheet
52Kb / 2P
   SWITCHING DIODES
logo
Sensitron
1N6640US SENSITRON-1N6640US Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
More results

Similar Description - 1N6640U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N6642U STMICROELECTRONICS-1N6642U Datasheet
85Kb / 7P
   Aerospace 0.3 A - 100 V switching diode
logo
List of Unclassifed Man...
TS4148 ETC1-TS4148 Datasheet
145Kb / 3P
   0.3 AMPS High Speed Switching Diode
logo
STMicroelectronics
BYV54HR STMICROELECTRONICS-BYV54HR Datasheet
82Kb / 8P
   Aerospace 40 A - 200 V fast recovery rectifier
BYV52HR STMICROELECTRONICS-BYV52HR Datasheet
82Kb / 8P
   Aerospace 30 A - 200 V fast recovery rectifier
logo
Nihon Inter Electronics...
PDMB75A6 NIEC-PDMB75A6_1 Datasheet
142Kb / 4P
   75 A 600 V
logo
STMicroelectronics
R7986A STMICROELECTRONICS-R7986A Datasheet
909Kb / 37P
   3 A step-down switching regulator for aerospace applications
STPS6045HR STMICROELECTRONICS-STPS6045HR Datasheet
80Kb / 8P
   Aerospace 2 x 30 A - 45 V Schottky rectifier
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
   Aerospace 2 x 20 A - 100 V Schottky rectifier
STPS1045HR STMICROELECTRONICS-STPS1045HR Datasheet
75Kb / 8P
   Aerospace 2 x 10 A - 45 V Schottky rectifier
logo
Texas Instruments
LM5574-Q1 TI1-LM5574-Q1 Datasheet
1,018Kb / 33P
[Old version datasheet]   Simple Switcher 75 V 0.5 A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com