Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2222AHR Datasheet(PDF) 4 Page - STMicroelectronics

Part # 2N2222AHR
Description  Hi-Rel 40 V - 0.8 A NPN transistor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2222AHR Datasheet(HTML) 4 Page - STMicroelectronics

  2N2222AHR Datasheet HTML 1Page - STMicroelectronics 2N2222AHR Datasheet HTML 2Page - STMicroelectronics 2N2222AHR Datasheet HTML 3Page - STMicroelectronics 2N2222AHR Datasheet HTML 4Page - STMicroelectronics 2N2222AHR Datasheet HTML 5Page - STMicroelectronics 2N2222AHR Datasheet HTML 6Page - STMicroelectronics 2N2222AHR Datasheet HTML 7Page - STMicroelectronics 2N2222AHR Datasheet HTML 8Page - STMicroelectronics 2N2222AHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
2N2222AHR
4/18
Doc ID 16558 Rev 9
2
Electrical characteristics
JANS and ESCC version of the products are assembled and tested in compliance with the
agency specification it is qualified in. The electrical characteristics of each version are
provided in dedicated tables.
Tcase = 25 °C unless otherwise specified.
2.1
JANS electrical characteristics
Table 4.
JANS electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off
current (IE = 0)
VCB = 75 V
VCB = 60 V
VCB= 60 V
Tamb = 150 °C
-
10
10
10
µA
nA
µA
ICES
Collector cut-off
current
(IE = 0)
VCE = 50 V
-
50
nA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 6 V
VEB = 4 V
-
10
10
µA
nA
V(BR)CEO
(1)
Collector-emitter
breakdown voltage
(IB = 0)
IC = 10 mA
50
-
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 150 mA
IB = 15 mA
IC = 500 mA
IB = 50 mA
-
0.3
1
V
V
VBE(sat)
(1)
Base-emitter
saturation voltage
IC = 150 mA
IB = 15 mA
IC=500mA
IB =50mA
0.6
1.2
2
V
hFE
(1)
DC current gain
IC = 0.1 mA
VCE = 10 V
IC = 1 mA
VCE = 10 V
IC = 10 mA
VCE = 10 V
IC = 150 mA
VCE = 10 V
IC = 500 mA
VCE = 10 V
IC = 10 mA
VCE = 10 V
Tamb = -55 °C
50
75
100
100
30
35
-
325
300
hfe
Small signal current
gain
VCE = 20 V
IC = 20 mA
f = 100 MHz
VCE = 10 V
IC =1 mA
f = 1 kHz
2.5
50
-
Cobo
Output capacitance
(IE = 0)
VCB = 10 V
100 kHz
≤ f ≤1 MHz
-8
pF
Cibo
Output capacitance
(IE = 0)
VEB = 0.5 V
100 kHz
≤ f ≤1 MHz
-25
pF


Similar Part No. - 2N2222AHR

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
2N2222A FCI-2N2222A Datasheet
73Kb / 2P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2N2222A PHILIPS-2N2222A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
logo
List of Unclassifed Man...
2N2222A ETC2-2N2222A Datasheet
278Kb / 5P
   High Speed Switching Transistor
logo
Comset Semiconductor
2N2222A COMSET-2N2222A Datasheet
84Kb / 4P
   SWITCHING SILICON TRANSISTORS
logo
Foshan Blue Rocket Elec...
2N2222A FOSHAN-2N2222A Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
More results

Similar Description - 2N2222AHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2219AHR STMICROELECTRONICS-2N2219AHR Datasheet
133Kb / 9P
   Hi-Rel NPN bipolar transistor 40 V, 0.8 A
2N5154HR STMICROELECTRONICS-2N5154HR Datasheet
556Kb / 10P
   Hi-Rel NPN bipolar transistor 80 V - 5 A
2N5551HR STMICROELECTRONICS-2N5551HR Datasheet
286Kb / 10P
   Hi-Rel NPN bipolar transistor 160 V - 0.5 A
2N3700HR STMICROELECTRONICS-2N3700HR Datasheet
286Kb / 12P
   Hi-Rel 80 V - 1 A NPN bipolar transistor
2N3019HR STMICROELECTRONICS-2N3019HR Datasheet
166Kb / 9P
   Hi-Rel NPN bipolar transistor 80 V, 1 A
2N2920AHR STMICROELECTRONICS-2N2920AHR Datasheet
160Kb / 9P
   Hi-Rel NPN dual matched bipolar transistor 60 V - 0.03 A
2N2907AHR STMICROELECTRONICS-2N2907AHR Datasheet
363Kb / 16P
   Hi-Rel 60 V - 0.6 A PNP transistor
SOC2907A STMICROELECTRONICS-SOC2907A Datasheet
478Kb / 21P
   Hi-Rel 60 V, 0.6 A PNP transistor
2N2484HR STMICROELECTRONICS-2N2484HR Datasheet
306Kb / 12P
   Hi-Rel NPN bipolar transistor 60 V - 50 mA
2N5153HR STMICROELECTRONICS-2N5153HR Datasheet
557Kb / 10P
   Hi-Rel PNP bipolar transistor 80 V - 5 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com