Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3700HR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N3700HR
Description  Hi-Rel 80 V - 1 A NPN bipolar transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3700HR Datasheet(HTML) 1 Page - STMicroelectronics

  2N3700HR Datasheet HTML 1Page - STMicroelectronics 2N3700HR Datasheet HTML 2Page - STMicroelectronics 2N3700HR Datasheet HTML 3Page - STMicroelectronics 2N3700HR Datasheet HTML 4Page - STMicroelectronics 2N3700HR Datasheet HTML 5Page - STMicroelectronics 2N3700HR Datasheet HTML 6Page - STMicroelectronics 2N3700HR Datasheet HTML 7Page - STMicroelectronics 2N3700HR Datasheet HTML 8Page - STMicroelectronics 2N3700HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 2011
Doc ID 15354 Rev 4
1/12
12
2N3700HR
Hi-Rel 80 V - 1 A NPN bipolar transistor
Features
Hi-Rel NPN bipolar transistor
Linear gain characteristics
ESCC qualified
European preferred part list - EPPL
100 krad low dose rate
Radiation level: lot specific total dose contact
marketing for specified level
Description
The 2N3700HR is a silicon planar epitaxial NPN
transistor in TO-18 and LCC-3 packages. It is
specifically designed for aerospace Hi-Rel
applications and ESCC qualified according to the
5201-004 specification. In case of conflict
between this datasheet and ESCC detailed
specification, the latter prevails.
Figure 1.
Internal schematic diagram
BVCEO
80 V
IC (max)
1 A
HFE at 10 V - 150 mA
> 100
Operating temperature range
-65°C to +200°C
TO-18
LCC-3
3
1
2
LCC-3UB
3
1
2
4
3
1
2
Table 1.
Device summary
Order codes
ESCC part num.
Qual. level
Rad level Packages
Lead finish
Mass (g) EPPL
2N37000UB1
-
Eng. model
LCC-3UB
Gold
0.06
-
2N37000UBSW
5201/004/07
ESCC flight
100 krad
LCC-3UB
Solder dip
0.06
Y
2N37000UB06
5201/004/06
ESCC flight
LCC-3UB
Gold
0.06
-
2N37000UB07
5201/004/07
ESCC flight
LCC-3UB
Solder dip
0.06
-
SOC37000
-
Eng. model
LCC-3
Gold
0.06
-
SOC3700SW
5201/004/05
ESCC flight
100 krad
LCC-3
Solder dip
0.06
Y
SOC3700HRB
5201/004/04 or 05
ESCC flight
LCC-3
Gold/Solder dip(1)
0.06
Y
2N3700T1
-
Eng. model
TO-18
Gold
0.40
-
2N3700HR
5201/004/01 or 02
ESCC flight
TO-18
Gold/Solder dip(1)
0.40
-
1.
Depending ESCC part number mentioned on the purchase order
www.st.com


Similar Part No. - 2N3700HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3700 STMICROELECTRONICS-2N3700 Datasheet
43Kb / 4P
   GENERAL PURPOSE AMPLIFIERS
January 1989
logo
Continental Device Indi...
2N3700 CDIL-2N3700 Datasheet
261Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Semicoa Semiconductor
2N3700 SEMICOA-2N3700 Datasheet
31Kb / 1P
   Chip Type 2C3019 Geometry 4500 Polarity PNP
logo
Central Semiconductor C...
2N3700 CENTRAL-2N3700 Datasheet
534Kb / 1P
   Small Signal Transistors
logo
Semicoa Semiconductor
2N3700 SEMICOA-2N3700 Datasheet
45Kb / 2P
   Type 2N3700 Geometry 4500 Polarity NPN
More results

Similar Description - 2N3700HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3019HR STMICROELECTRONICS-2N3019HR Datasheet
166Kb / 9P
   Hi-Rel NPN bipolar transistor 80 V, 1 A
2N5154HR STMICROELECTRONICS-2N5154HR Datasheet
556Kb / 10P
   Hi-Rel NPN bipolar transistor 80 V - 5 A
2N5153HR STMICROELECTRONICS-2N5153HR Datasheet
557Kb / 10P
   Hi-Rel PNP bipolar transistor 80 V - 5 A
2N5551HR STMICROELECTRONICS-2N5551HR Datasheet
286Kb / 10P
   Hi-Rel NPN bipolar transistor 160 V - 0.5 A
2N2219AHR STMICROELECTRONICS-2N2219AHR Datasheet
133Kb / 9P
   Hi-Rel NPN bipolar transistor 40 V, 0.8 A
2N2920AHR STMICROELECTRONICS-2N2920AHR Datasheet
160Kb / 9P
   Hi-Rel NPN dual matched bipolar transistor 60 V - 0.03 A
2N2484HR STMICROELECTRONICS-2N2484HR Datasheet
306Kb / 12P
   Hi-Rel NPN bipolar transistor 60 V - 50 mA
2N5401HR STMICROELECTRONICS-2N5401HR Datasheet
222Kb / 10P
   Hi-Rel PNP bipolar transistor 150 V, 0.5 A
2N2905AHR STMICROELECTRONICS-2N2905AHR Datasheet
165Kb / 8P
   Hi-Rel PNP bipolar transistor 60 V, 0.6 A
2N2222AHR STMICROELECTRONICS-2N2222AHR Datasheet
429Kb / 18P
   Hi-Rel 40 V - 0.8 A NPN transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com