Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

291C53B5R800AA Datasheet(PDF) 2 Page - CTS Corporation

Part # 291C53B5R800AA
Description  Precision, Long-life Compact 12mm Size Optical Encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

291C53B5R800AA Datasheet(HTML) 2 Page - CTS Corporation

  291C53B5R800AA Datasheet HTML 1Page - CTS Corporation 291C53B5R800AA Datasheet HTML 2Page - CTS Corporation 291C53B5R800AA Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 - 3
7/17/12
CTS Electrocomponents
www.ctscorp.com
© 2011 CTS Corporation. All rights reserved. Information subject to change.
TYPE 291V
2-Bit Encoder With Momentary Switch, Shaft Perpendicular to PC Board
Electrical and Mechanical Specifications (continued)
Switch Contact Resistance
10 Ω maximum
Switch Rating
5 VDC @ 10 mA
Switch Travel
Actuation Force
Optional Momentary Switch:
DIMENSION:
inch
mm
.031
0.79
.250
6.35
Ø
.218
±
5.53
3/8-32UNEF-2A
THREAD
.291
7.40
.047
1.19
.488
12.40
.281
7.13
R
.250
6.35
.541
13.75
TYPE 291C
2-Bit Encoder With Momentary Switch, Cable, and Connector
.246
6.25
2
3
4
5
6
3/8 32 UNEF-2A
THEAD
1
Ø
.488
12.40
.541
13.75
.047
7.13
.281
7.13
6.35
510 ± 110 grams
Switch Life
0.5 ± 0.25 mm
B
L
B
L
6.35
CENT.
PINS ARE
0.4 SQUARE
GENERAL TOLERANCE : ±
R
±
.002
0.05
±
±.002
±0.05
±.015
±0.38
.250
6.35
±.002
±0.05
.250
6.35
±.002
±0.05
.250
6.35
±.002
±0.05
.218
±.002
5.53 0.05
±
.250
.291
7.40
.031
0.79
CABLE LENGTH
See Termination Options
.250
.050
1.27
.010 inch
0.25 mm
GENERAL TOLERANCE : ±
± .010 inch
0.25 mm
CONNECTOR IS AMP
P/N 215083-6
OR EQUIVALENT
2
3
4
5
6
1
.148
3.75
.024
0.60
.148
3.75
.024
0.60
CENT.
.354
9.00
.423
10.75
±.014
±0.35
±.014
±0.35
±.014
±0.35
CENT.
.354
9.00
Standard: 1 Million actuations minimum
Special: Consult CTS for custom life
requirements.


Similar Part No. - 291C53B5R800AA

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
291 DBLECTRO-291 Datasheet
310Kb / 1P
   PLUGGABLE SERIES
logo
Cornell Dubilier Electr...
291 CDE-291 Datasheet
3Mb / 11P
   Cylindrical Case, High-Current and High-Voltage Circuits
logo
Advanced Energy Industr...
291 ADVANCEDENERGY-291 Datasheet
169Kb / 2P
   MONROE 291
01 03.20
logo
DB Lectro Inc
291-021-0500 DBLECTRO-291-021-0500 Datasheet
310Kb / 1P
   PLUGGABLE SERIES
291-021-1500 DBLECTRO-291-021-1500 Datasheet
310Kb / 1P
   PLUGGABLE SERIES
More results

Similar Description - 291C53B5R800AA

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKQE ALPS-SKQE_15 Datasheet
796Kb / 4P
   12mm Square Long-life (Snap-in Type)
SKQE ALPS-SKQE Datasheet
246Kb / 4P
   12mm Square Long-life (Snap-in Type)
logo
Illinois Capacitor, Inc...
SVL ILLINOISCAPACITOR-SVL Datasheet
198Kb / 2P
   Small size ??Long Life
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
   12mm Size Insulated Shaft Type Encoder Variety
logo
TOCOSAMERICA, INC.
RVQ12YN TOCOS-RVQ12YN Datasheet
485Kb / 2P
   Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
RVQ12YN3 TOCOS-RVQ12YN3 Datasheet
503Kb / 2P
   Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
logo
Tyco Electronics
DP12 MACOM-DP12 Datasheet
206Kb / 3P
   12mm Rotary Encoder
logo
Bi technologies
EN12 BITECH-EN12_08 Datasheet
83Kb / 3P
   12mm Rotary Encoder
logo
Tyco Electronics
3SCV MACOM-3SCV Datasheet
230Kb / 2P
   Long-life Haif-size Industrial Relay
logo
ALPS ELECTRIC CO.,LTD.
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com