Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGJ3B3C0G1H105J Datasheet(PDF) 11 Page - TDK Electronics

Part # CGJ3B3C0G1H105J
Description  CGJ series l High Reliability Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGJ3B3C0G1H105J Datasheet(HTML) 11 Page - TDK Electronics

Back Button CGJ3B3C0G1H105J Datasheet HTML 4Page - TDK Electronics CGJ3B3C0G1H105J Datasheet HTML 5Page - TDK Electronics CGJ3B3C0G1H105J Datasheet HTML 6Page - TDK Electronics CGJ3B3C0G1H105J Datasheet HTML 7Page - TDK Electronics CGJ3B3C0G1H105J Datasheet HTML 8Page - TDK Electronics CGJ3B3C0G1H105J Datasheet HTML 9Page - TDK Electronics CGJ3B3C0G1H105J Datasheet HTML 10Page - TDK Electronics CGJ3B3C0G1H105J Datasheet HTML 11Page - TDK Electronics CGJ3B3C0G1H105J Datasheet HTML 12Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TDK
• 11
TDK MLCC Presentation
(4) Temperature Characteristics
Temperature
Characteristics
Temperature
Range
Capacitance Change
C0G
-55 ~ 125ºC
0
30 ppm/ºC
X7R
-55 ~ 125ºC
15%
(5) Rated Voltage Code
(Vdc)
Symbol
Rated Voltage (V
DC)
0J
6.3
1A
10
1C
16
1E
25
1H
50
(7) Capacitance Tolerance Code
Symbol
Capacitance Tolerance
J
5%
K
10%
CGJ series l High Reliability Series- Part Number Description -
(1) Series/Dimension Code
Series
Code
EIA
L (mm)
W (mm)
T (mm) Nominal
CGJ –
Extended
Life
2
0402
1.00
0.50
0.50
3
0603
1.60
0.80
0.80
4
0805
2.00
1.20
1.25
5
1206
3.20 x 1.60
1.60
(3) Voltage Condition for Life Test
Code
Condition
Code
Condition
1
1 x R.V.
3
1.5 x R.V.
2
2 x R.V.
4
1.2 x R.V.
(2) Nominal Thickness Code T(mm)
Symbol
Thickness
Symbol
Thickness
B
0.50 mm
H
1.15 mm
C
0.60 mm
J
1.25 mm
E
0.80 mm
L
1.60 mm
F
0.85 mm
(6) Nominal Capacitance (pF)
Symbol
Cap Value (pF)
Cap Value (nF)
Cap Value (µF)
101
100 pF
0.1 nF
0.0001 µF
102
1,000pF
1 nF
0.001 µF
105
1,000,000 pF
1,000 nF
1 µF
106
10,000,000 pF
10,000 nF
10 µF
The capacitance is expressed in three digit codes and in units
of pico Farads (pF). The first and second digits identify the
first and second significant figures of the capacitance. The
third digit identifies the multiplier. R designates a decimal
point.
(1)
(2)
(3)
(4)
(5)
(6)
(7)
CGJ5 L
2
X7R 1A 106 K


Similar Part No. - CGJ3B3C0G1H105J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ3B2C0G0J010JTXXXX TDK-CGJ3B2C0G0J010JTXXXX Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
CGJ3B2C0G0J010KTXXXX TDK-CGJ3B2C0G0J010KTXXXX Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
CGJ3B2C0G0J010MTXXXX TDK-CGJ3B2C0G0J010MTXXXX Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
CGJ3B2C0G0J0R5JTXXXX TDK-CGJ3B2C0G0J0R5JTXXXX Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
CGJ3B2C0G0J0R5KTXXXX TDK-CGJ3B2C0G0J0R5KTXXXX Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
More results

Similar Description - CGJ3B3C0G1H105J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
J5L2X7R1A106K160AA TDK-J5L2X7R1A106K160AA Datasheet
1Mb / 11P
   CGJ Series High Reliability Grade General (Up to 50V)
CGHJ5L2X7R1A106KTXXXX TDK-CGHJ5L2X7R1A106KTXXXX Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
CGJ2B2C0G1H101J TDK-CGJ2B2C0G1H101J Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
logo
Rohm
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
logo
TRIAD MAGNETICS
SP-5 TRIAD-SP-5 Datasheet
159Kb / 1P
   High Reliability : Red Spec Series
SP-20 TRIAD-SP-20 Datasheet
161Kb / 1P
   High Reliability : Red Spec Series
SP-29 TRIAD-SP-29 Datasheet
159Kb / 1P
   High Reliability : Red Spec Series
SP-48 TRIAD-SP-48_13 Datasheet
162Kb / 1P
   High Reliability : Red Spec Series
SP-67 TRIAD-SP-67_13 Datasheet
161Kb / 1P
   High Reliability : Red Spec Series
SP-22 TRIAD-SP-22 Datasheet
160Kb / 1P
   High Reliability : Red Spec Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com