Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST3243B Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST3243B
Description  3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST3243B_11 Datasheet HTML 7Page - STMicroelectronics ST3243B_11 Datasheet HTML 8Page - STMicroelectronics ST3243B_11 Datasheet HTML 9Page - STMicroelectronics ST3243B_11 Datasheet HTML 10Page - STMicroelectronics ST3243B_11 Datasheet HTML 11Page - STMicroelectronics ST3243B_11 Datasheet HTML 12Page - STMicroelectronics ST3243B_11 Datasheet HTML 13Page - STMicroelectronics ST3243B_11 Datasheet HTML 14Page - STMicroelectronics ST3243B_11 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ST3243B ST3243C
Application
Doc ID 7539 Rev 10
11/17
Table 11.
Capacitance value (µF)
VCC
C1
C2
C3
C4
Cbypass
3.0 to 3.6
0.1
0.1
0.1
0.1
0.1
4.5 to 5.5
0.047
0.33
0.33
0.33
0.33
3.0 to 5.5
0.22
1.0
1.0
1.0
0.22


Similar Part No. - ST3243B_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3243BD STMICROELECTRONICS-ST3243BD Datasheet
275Kb / 11P
   3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
May 2002
ST3243BD STMICROELECTRONICS-ST3243BD Datasheet
255Kb / 14P
   3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
ST3243BDR STMICROELECTRONICS-ST3243BDR Datasheet
275Kb / 11P
   3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
May 2002
ST3243BDR STMICROELECTRONICS-ST3243BDR Datasheet
255Kb / 14P
   3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
ST3243BPR STMICROELECTRONICS-ST3243BPR Datasheet
275Kb / 11P
   3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
May 2002
More results

Similar Description - ST3243B_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3243B STMICROELECTRONICS-ST3243B_07 Datasheet
724Kb / 22P
   3 to 5.5 V, 400 Kbps, RS-232 transceiver with auto-power-down
ST3241EB STMICROELECTRONICS-ST3241EB_07 Datasheet
654Kb / 15P
   짹15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
ST3241EB STMICROELECTRONICS-ST3241EB_10 Datasheet
274Kb / 13P
   짹15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
ST3243ECTR-E STMICROELECTRONICS-ST3243ECTR-E Datasheet
633Kb / 16P
   (,-) 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto power-down
ST3232B STMICROELECTRONICS-ST3232B_08 Datasheet
760Kb / 18P
   3 to 5.5 V, low power, up to 400 kbps RS-232 drivers and receivers
ST3222B STMICROELECTRONICS-ST3222B Datasheet
616Kb / 13P
   3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers
ST3243 STMICROELECTRONICS-ST3243_04 Datasheet
255Kb / 14P
   3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
ST3243 STMICROELECTRONICS-ST3243_06 Datasheet
316Kb / 20P
   3 to 5.5V, 400Kbps, RS-232 Transceiver with auto-powerdown
ST3243 STMICROELECTRONICS-ST3243 Datasheet
275Kb / 11P
   3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
May 2002
logo
Texas Instruments
TRSF23243 TI1-TRSF23243 Datasheet
658Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com