Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2S005S-VF144Y Datasheet(PDF) 5 Page - Microsemi Corporation

Part # M2S005S-VF144Y
Description  SmartFusion2 System-on-Chip FPGAs
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S005S-VF144Y Datasheet(HTML) 5 Page - Microsemi Corporation

  M2S005S-VF144Y Datasheet HTML 1Page - Microsemi Corporation M2S005S-VF144Y Datasheet HTML 2Page - Microsemi Corporation M2S005S-VF144Y Datasheet HTML 3Page - Microsemi Corporation M2S005S-VF144Y Datasheet HTML 4Page - Microsemi Corporation M2S005S-VF144Y Datasheet HTML 5Page - Microsemi Corporation M2S005S-VF144Y Datasheet HTML 6Page - Microsemi Corporation M2S005S-VF144Y Datasheet HTML 7Page - Microsemi Corporation M2S005S-VF144Y Datasheet HTML 8Page - Microsemi Corporation M2S005S-VF144Y Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 156 page
background image
SmartFusion2 System-on-Chip FPGAs
R e visi on 0
V
SmartFusion2 Ordering Information
.
Speed Grade
Blank = TBD
T = With Transceiver
Blank = No Transceiver
1 = TBD
M2S050
T
FG
_
Part Number (Digits Indicate Thousands of LUTs)
Transceiver
S =
Design Security
Blank =
Data and Design Security
S
Security
1
Package Type
VF = Very Fine Pitch Ball Grid Array (0.8 mm pitch)
144
I
Y
Package Lead Count
G
Lead-Free Packaging
Application (Temperature Range)
Blank = Commercial (0°C to +85°C Ambient Temperature)
I = Industrial (
40°C to +100°C Ambient Temperature)
Blank = Standard Packaging
G = RoHS-Compliant
ES= Engineering Sample (Room Temperature Only)
M2S005
M2S010
M2S025
M2S050
M2S080
M2S120
FG = Fine Pitch Ball Grid Array (1.0 mm pitch)
Security Feature
Y = Device Includes License to Implement IP Based on the
Cryptography Research, Inc. (CRI) Patent Portfolio


Similar Part No. - M2S005S-VF144Y

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M2S005 MICROSEMI-M2S005 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
More results

Similar Description - M2S005S-VF144Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com