Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STRH8N10 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STRH8N10
Description  Rad-Hard N-channel 100 V, 6 A Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH8N10 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STRH8N10 Datasheet HTML 5Page - STMicroelectronics STRH8N10 Datasheet HTML 6Page - STMicroelectronics STRH8N10 Datasheet HTML 7Page - STMicroelectronics STRH8N10 Datasheet HTML 8Page - STMicroelectronics STRH8N10 Datasheet HTML 9Page - STMicroelectronics STRH8N10 Datasheet HTML 10Page - STMicroelectronics STRH8N10 Datasheet HTML 11Page - STMicroelectronics STRH8N10 Datasheet HTML 12Page - STMicroelectronics STRH8N10 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
STRH8N10
Radiation characteristics
Doc ID 010029 Rev 2
9/18
Figure 2.
Single event effect, SOA
Figure 3.
Single event effect, bias circuit(a)
a.
Bias condition during radiation refer to
Table 12: Single event effect (SEE), safe operating area (SOA) .
0
10
20
30
40
50
60
70
80
90
100
-20
-15
-10
-5
0
Vgs (V)
Kr (32 MeV.cm²/mg)


Similar Part No. - STRH8N10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH100N10 STMICROELECTRONICS-STRH100N10 Datasheet
474Kb / 17P
   Rad-Hard 100 V, 48 A N-channel Power MOSFET
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
   Rad-Hard N-channel, 60 V, 80 A Power MOSFET
STRH12P10 STMICROELECTRONICS-STRH12P10 Datasheet
421Kb / 15P
   Rad-Hard 100 V, 12 A, P-channel Power MOSFET
May 2022 Rev 9
STRH12P10ESY1 STMICROELECTRONICS-STRH12P10ESY1 Datasheet
411Kb / 12P
   Fast switching
March 2007 Rev 2
STRH12P10ESY3 STMICROELECTRONICS-STRH12P10ESY3 Datasheet
411Kb / 12P
   Fast switching
March 2007 Rev 2
More results

Similar Description - STRH8N10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH100N10 STMICROELECTRONICS-STRH100N10 Datasheet
474Kb / 17P
   Rad-Hard 100 V, 48 A N-channel Power MOSFET
STRH40P10 STMICROELECTRONICS-STRH40P10 Datasheet
405Kb / 18P
   Rad-Hard P-channel 100 V, 34 A Power MOSFET
STRH12P10 STMICROELECTRONICS-STRH12P10 Datasheet
421Kb / 15P
   Rad-Hard 100 V, 12 A, P-channel Power MOSFET
May 2022 Rev 9
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
   Rad-Hard N-channel, 60 V, 80 A Power MOSFET
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
   Rad-Hard N-channel 60 V, 30 A Power MOSFET
logo
Sensitron
SRADM1002 SENSITRON-SRADM1002 Datasheet
190Kb / 2P
   JHERMETIC RAD HARD POWER MOSFET N-CHANNEL QUAD
SRADM1001 SENSITRON-SRADM1001 Datasheet
213Kb / 3P
   HERMETIC RAD HARD POWER N-CHANNEL MOSFET ARRAY
SRADM1006 SENSITRON-SRADM1006 Datasheet
152Kb / 2P
   HERMETIC RAD HARD POWER MOSFET
SRADM1008 SENSITRON-SRADM1008 Datasheet
153Kb / 2P
   HERMETIC RAD HARD POWER MOSFET
SRADM1004 SENSITRON-SRADM1004 Datasheet
168Kb / 2P
   HERMETIC RAD HARD POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com