Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STUSB06E Datasheet(PDF) 8 Page - STMicroelectronics

Part # STUSB06E
Description  3.3 V USB transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB06E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STUSB06E Datasheet HTML 4Page - STMicroelectronics STUSB06E Datasheet HTML 5Page - STMicroelectronics STUSB06E Datasheet HTML 6Page - STMicroelectronics STUSB06E Datasheet HTML 7Page - STMicroelectronics STUSB06E Datasheet HTML 8Page - STMicroelectronics STUSB06E Datasheet HTML 9Page - STMicroelectronics STUSB06E Datasheet HTML 10Page - STMicroelectronics STUSB06E Datasheet HTML 11Page - STMicroelectronics STUSB06E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical characteristics
STUSB06E
8/20
Table 5.
DC electrical characteristics (power supply, digital I/O pins)
(VCC_IO = 1.8 V, VREG = 3.3 V unless otherwise noted; TA = 25 °C, specifications over
temperature, -40 to 85 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IREG
VREG supply current (suspend
mode)
D+, D- are idle, VREG=3.0-3.6V,
VCC_IO=1.6-3.6V. Suspend Mode
(See Table 6)
10
µA
VREG supply current (disable
mode)
D+, D- are idle, VREG=3.0-3.6V,
VCC_IO=GND or floating
5µA
VREG supply current (HighZ
Mode)
D+, D- are idle, VREG=3.0-3.6V,
VCC_IO=1.8V, HIGHZ=”1”
5µA
VREG supply current (FS
receiving mode)
D+, D- are idle, VREG=3.0-
3.6V SPEED# = 0,
SUSPEND = 0
OE#=1
6.0
mA
VREG supply current (FS
transmit mode)
OE#=0
6.0
mA
VREG supply current (LS
receiving mode)
D+, D- are idle, VREG=3.0-
3.6V, SPEED# = 1,
SUSPEND = 0
OE#=1
4.0
mA
VREG supply current (LS
transmit mode)
OE#=0
4.0
mA
VREG supply current (receiving
mode 12 Mbps)
D+, D- are active,
VREG=3.0-3.6V, CLOAD =
50pF, SPEED# = 0,
SUSPEND = 0
OE#=1
5.5
mA
VREG supply current (transmit
mode 12 Mbps)
OE#=0
8.5
mA
VREG supply current
(receiving mode 1.5 Mbps)
D+, D- are active,
VREG=3.0-3.6V, CLOAD =
600pF, SPEED# = 1,
SUSPEND = 0
OE#=1
4
mA
VREG supply current
(transmit mode 1.5 Mbps)
OE#=0
7
mA
IVPULEAK
VPU leakage current
VPU = 0V
-5
5
µA
IVCC_IOLEAK VCC_IO leakage current
VCC_IO = 3.6V, VREG = 0V
-5
5
µA
VPU
Pull-Up output voltage
ITERM = 200µA, VREG=3.0-3.6V
VREG-
5.0mV
V
RSW
VPU internal switch resistance
ITERM = 10mA, VREG = 3.0-3.6V
6
9
11
Ω
VTHREG
VREG comparator threshold
Supply present
2.4
V
Supply lost
0.8
V
VTHIF
VCC_IO comparator threshold
Supply present
1.4
V
Supply lost
0.25
V
VHYS
VCC_IO and VREG supply voltage
detection hysteresis
VCC_IO = 1.8V, VREG = 3.0-3.6V
100
mV


Similar Part No. - STUSB06E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB02E STMICROELECTRONICS-STUSB02E Datasheet
480Kb / 20P
   USB Transceiver
STUSB02E STMICROELECTRONICS-STUSB02E Datasheet
363Kb / 20P
   USB Transceiver
STUSB02EQR STMICROELECTRONICS-STUSB02EQR Datasheet
480Kb / 20P
   USB Transceiver
STUSB02EQR STMICROELECTRONICS-STUSB02EQR Datasheet
363Kb / 20P
   USB Transceiver
STUSB02E STMICROELECTRONICS-STUSB02E_07 Datasheet
363Kb / 20P
   USB Transceiver
More results

Similar Description - STUSB06E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVER
SN55HVD233-SP TI1-SN55HVD233-SP Datasheet
100Kb / 6P
[Old version datasheet]   3.3-V Radiation Hardened CAN Transceiver
logo
NXP Semiconductors
PDI1284P11 NXP-PDI1284P11 Datasheet
99Kb / 16P
   3.3 V parallel interface transceiver/buffer
Rev. 03-25 August 2008
logo
Nexperia B.V. All right...
PDI1284P11 NEXPERIA-PDI1284P11 Datasheet
237Kb / 14P
   3.3 V parallel interface transceiver/buffer
Rev. 4 - 6 July 2021
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
74LVTN16245B NXP-74LVTN16245B_10 Datasheet
155Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 02-23 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com