Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS7221 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS7221
Description  Single BiCMOS rail-to-rail micropower comparator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS7221 Datasheet(HTML) 1 Page - STMicroelectronics

  TS7221_09 Datasheet HTML 1Page - STMicroelectronics TS7221_09 Datasheet HTML 2Page - STMicroelectronics TS7221_09 Datasheet HTML 3Page - STMicroelectronics TS7221_09 Datasheet HTML 4Page - STMicroelectronics TS7221_09 Datasheet HTML 5Page - STMicroelectronics TS7221_09 Datasheet HTML 6Page - STMicroelectronics TS7221_09 Datasheet HTML 7Page - STMicroelectronics TS7221_09 Datasheet HTML 8Page - STMicroelectronics TS7221_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
March 2009
Rev 5
1/13
13
TS7221
Single BiCMOS rail-to-rail micropower comparator
Features
Rail-to-rail inputs
Open drain output
Supply operation from 2.7 to 10 V
Typical supply current: 6 µA at 5 V
Response time of 0.5 µs at 5 V
Low input current
ESD protection: 2 kV (HBM), 200 V (MM)
Available in tiny SOT23-5 package
Applications
Battery-powered systems
Notebooks and PDAs
PCMCIA cards
Cellular and mobile communications
Alarms and security systems
Replacement of amplifiers used in comparator
configurations for improved performance.
Description
The TS7221 is a micropower comparator
featuring a rail-to-rail input performance in a tiny
SOT23-5 package. This comparator is ideally
suited to space and weight-critical applications. It
is fully specified at 2.7-, 5- and 10-V operation
over industrial temperature ranges
(-40°C to +85°C).
The TS7221 features an open-drain output stage.
The speed-to-power ratio makes this device ultra-
versatile for a wide range of applications.
L
SOT23-5L
TS7221 open drain output
5
4
OUT
Vcc-
1
2
IN+
Vcc+
3
IN-
+
-
www.st.com


Similar Part No. - TS7221_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS7221 STMICROELECTRONICS-TS7221_07 Datasheet
133Kb / 11P
   SINGLE BiCMOS RAIL TO RAIL uPOWER COMPARATOR
More results

Similar Description - TS7221_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS7221 STMICROELECTRONICS-TS7221 Datasheet
84Kb / 9P
   SINGLE BiCMOS RAIL TO RAIL uPOWER COMPARATOR
TS7221 STMICROELECTRONICS-TS7221_07 Datasheet
133Kb / 11P
   SINGLE BiCMOS RAIL TO RAIL uPOWER COMPARATOR
TS7211 STMICROELECTRONICS-TS7211 Datasheet
88Kb / 9P
   SINGLE BiCMOS RAIL TO RAIL 關POWER COMPARATOR
TS861 STMICROELECTRONICS-TS861 Datasheet
304Kb / 15P
   RAIL TO RAIL MICROPOWER BICMOS COMPARATORS
TS861IN STMICROELECTRONICS-TS861IN Datasheet
472Kb / 19P
   Rail-to-rail micropower BiCMOS comparators
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
LMV7219 TI1-LMV7219 Datasheet
1Mb / 25P
[Old version datasheet]   Comparator with Rail-to-Rail Output
logo
Micrel Semiconductor
MIC7211 MICREL-MIC7211_09 Datasheet
366Kb / 7P
   IttyBitty Rail-to-Rail Input Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com