Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP9808 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP9808
Description  짹0.5째C Maximum Accuracy Digital Temperature Sensor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9808 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP9808 Datasheet HTML 3Page - Microchip Technology MCP9808 Datasheet HTML 4Page - Microchip Technology MCP9808 Datasheet HTML 5Page - Microchip Technology MCP9808 Datasheet HTML 6Page - Microchip Technology MCP9808 Datasheet HTML 7Page - Microchip Technology MCP9808 Datasheet HTML 8Page - Microchip Technology MCP9808 Datasheet HTML 9Page - Microchip Technology MCP9808 Datasheet HTML 10Page - Microchip Technology MCP9808 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
© 2011 Microchip Technology Inc.
DS25095A-page 7
MCP9808
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, V
DD = 2.7V to 5.5V, GND = Ground, SDA/SCL pulled-up to VDD and
TA = -40°C to +125°C.
FIGURE 2-1:
Temperature Accuracy.
FIGURE 2-2:
Temperature Accuracy
Histogram, TA = -20°C.
FIGURE 2-3:
Temperature Accuracy
Histogram, TA = +25°C.
FIGURE 2-4:
Temperature Accuracy
Histogram.
FIGURE 2-5:
Temperature Accuracy
Histogram, TA = +85°C.
FIGURE 2-6:
Temperature Accuracy
Histogram, TA = +100°C.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-1.0
-0.5
0.0
0.5
1.0
-40
-20
0
20
40
60
80
100
120
T
A (°C)
V
DD = 3.3V
854 units at -20
°C, 25°C, 85°C, 100°C
240 units at -40
°C, 125°C
+Std. Dev.
Average
-Std. Dev.
+3 * Std. Dev.
-3 * Std. Dev.
0%
10%
20%
30%
40%
Temperature Accuracy (°C)
T
A = -20°C
V
DD = 3.3V
827 units
0%
10%
20%
30%
40%
Temperature Accuracy (°C)
T
A = 25°C
V
DD = 3.3V
875 units
0%
10%
20%
30%
40%
Temperature Accuracy (°C)
T
A = -20°C, 25°C, 85°C, 100°C
V
DD = 3.3V
854 units
0%
10%
20%
30%
40%
Temperature Accuracy (°C)
T
A = 85°C
V
DD = 3.3V
859 units
0%
10%
20%
30%
40%
Temperature Accuracy (°C)
T
A = 100°C
V
DD = 3.3V
856 units


Similar Part No. - MCP9808

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9808 MICROCHIP-MCP9808 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP9808 MICROCHIP-MCP9808 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
MCP9808-E-MS MICROCHIP-MCP9808-E-MS Datasheet
1Mb / 52P
   0.5째C Maximum Accuracy Digital Temperature Sensor
08/02/11
MCP9808-E/MC MICROCHIP-MCP9808-E/MC Datasheet
1Mb / 52P
   0.5째C Maximum Accuracy Digital Temperature Sensor
08/02/11
MCP9808-E/MS MICROCHIP-MCP9808-E/MS Datasheet
1Mb / 52P
   0.5째C Maximum Accuracy Digital Temperature Sensor
08/02/11
More results

Similar Description - MCP9808

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9808-E-MS MICROCHIP-MCP9808-E-MS Datasheet
1Mb / 52P
   0.5째C Maximum Accuracy Digital Temperature Sensor
08/02/11
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
S5852A SII-S5852A Datasheet
805Kb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804_12 Datasheet
1Mb / 52P
   짹0.25째C Typical Accuracy Digital Temperature Sensor
11/29/11
MCP9804 MICROCHIP-MCP9804 Datasheet
839Kb / 54P
   짹0.25째C Typ. Accuracy Digital Temperature Sensor
2009
logo
List of Unclassifed Man...
STSC1 ETC2-STSC1 Datasheet
706Kb / 13P
   High Accuracy Digital Temperature Sensor IC
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com