Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD3606R Datasheet(PDF) 10 Page - Sony Corporation

Part # CXD3606R
Description  Timing Generator for Frame Readout CCD Image Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3606R Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXD3606R Datasheet HTML 6Page - Sony Corporation CXD3606R Datasheet HTML 7Page - Sony Corporation CXD3606R Datasheet HTML 8Page - Sony Corporation CXD3606R Datasheet HTML 9Page - Sony Corporation CXD3606R Datasheet HTML 10Page - Sony Corporation CXD3606R Datasheet HTML 11Page - Sony Corporation CXD3606R Datasheet HTML 12Page - Sony Corporation CXD3606R Datasheet HTML 13Page - Sony Corporation CXD3606R Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
– 10 –
CXD3606R
Serial interface clock output variation characteristics
Normally, the serial interface data is loaded to the CXD3606R at the timing shown in "Serial interface clock
internal loading characteristics (1)" above. However, one exception to this is when the data such as STB is
loaded to the CXD3606R and controlled at the rising edge of SEN. See "Description of Operation".
0.8VDDd
SEN
Output signal
tpdPULSE
Symbol
tpdPULSE
Definition
Output signal delay, activated by the rising edge of SEN
Min.
Typ.
Max.
100
15
Unit
ns
(Within the recommended operating conditions)
Serial interface clock internal loading characteristics (2)
th1
Enlarged view
0.2VDDd
ts1
0.2VDDd
VD
HD
VD
HD
SEN
0.8VDDd
Example: During frame mode
Symbol
ts1
th1
Definition
SEN setup time, activated by the falling edge of VD
SEN hold time, activated by the falling edge of VD
Min.
Typ.
Max.
0
200
Unit
ns
ns
∗ Be sure to maintain a constantly high SEN logic level near the falling edge of VD.
(Within the recommended operating conditions)


Similar Part No. - CXD3606R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3605R SONY-CXD3605R Datasheet
344Kb / 36P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3607R SONY-CXD3607R Datasheet
381Kb / 39P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD3609R SONY-CXD3609R Datasheet
898Kb / 72P
   Timing Generator for Progressive Scan CCD Image Sensor
More results

Similar Description - CXD3606R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2497R SONY-CXD2497R Datasheet
387Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3619R SONY-CXD3619R Datasheet
37Kb / 2P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3605R SONY-CXD3605R Datasheet
344Kb / 36P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2498R SONY-CXD2498R Datasheet
554Kb / 51P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3615R SONY-CXD3615R Datasheet
461Kb / 43P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2470R SONY-CXD2470R Datasheet
405Kb / 38P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2492R SONY-CXD2492R Datasheet
390Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
logo
List of Unclassifed Man...
CXD3423GA ETC-CXD3423GA Datasheet
531Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
Sony Corporation
CXD3412GA SONY-CXD3412GA Datasheet
383Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3406GA SONY-CXD3406GA Datasheet
384Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com