Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX412 Datasheet(PDF) 3 Page - Sony Corporation

Part # ICX412
Description  Timing Generator for Frame Readout CCD Image Sensor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX412 Datasheet(HTML) 3 Page - Sony Corporation

  ICX412 Datasheet HTML 1Page - Sony Corporation ICX412 Datasheet HTML 2Page - Sony Corporation ICX412 Datasheet HTML 3Page - Sony Corporation ICX412 Datasheet HTML 4Page - Sony Corporation ICX412 Datasheet HTML 5Page - Sony Corporation ICX412 Datasheet HTML 6Page - Sony Corporation ICX412 Datasheet HTML 7Page - Sony Corporation ICX412 Datasheet HTML 8Page - Sony Corporation ICX412 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
– 3 –
CXD3606R
Pin Description
GND
Internal system reset input. High: Normal operation, Low: Reset control
Normally apply reset during power-on.
Schmitt trigger input/protective diode on power supply side
Control input used to switch sync system. High: CKI sync, Low: MCKO sync
With pull-down resistor
Vertical direction line identification pulse output/exposure time identification pulse output.
Switching possible using the serial interface data. (Default: ID)
Memory write timing pulse output
Internal SSG enable. High: Internal SSG valid, Low: External sync valid.
With pull-down resistor
3.3V power supply. (Power supply for common logic block)
3.3V power supply. (Power supply for RG)
CCD reset gate pulse output
GND
GND
CCD horizontal register clock output
CCD horizontal register clock output
3.3 to 5.0V power supply. (Power supply for H1/H2)
3.3V power supply. (Power supply for CDS)
CCD precharge level sample-and-hold pulse output
CCD data level sample-and-hold pulse output
Sample-and-hold pulse output for analog/digital conversion phase alignment
Pulse output for horizontal and vertical blanking period pulse cleaning
CCD dummy signal clamp pulse output
GND
CCD optical black signal clamp pulse output
The horizontal/vertical OB pattern can be changed using the serial interface data.
Clock output for analog/digital conversion IC
Logical phase adjustment possible using the serial interface data
GND
Inverter output
Inverter input
Inverter output for oscillation. When not used, leave open or connect a capacitor.
Inverter input for oscillation. When not used, fix low.
3.3V power supply. (Power supply for common logic block)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
VSS1
RST
SNCSL
ID/EXP
WEN
SSGSL
VDD1
VDD2
RG
VSS2
VSS3
H1
H2
VDD3
VDD4
XSHP
XSHD
XRS
PBLK
CLPDM
VSS4
OBCLP
ADCLK
VSS5
CKO
CKI
OSCO
OSCI
VDD5
I
I
O
O
I
O
O
O
O
O
O
O
O
O
O
O
I
O
I
Pin
No.
Symbol
I/O
Description


Similar Part No. - ICX412

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX412 SONY-ICX412 Datasheet
383Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
ICX412AQF SONY-ICX412AQF Datasheet
347Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
More results

Similar Description - ICX412

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2497R SONY-CXD2497R Datasheet
387Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3619R SONY-CXD3619R Datasheet
37Kb / 2P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3605R SONY-CXD3605R Datasheet
344Kb / 36P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2498R SONY-CXD2498R Datasheet
554Kb / 51P
   Timing Generator for Frame Readout CCD Image Sensor
CXD3615R SONY-CXD3615R Datasheet
461Kb / 43P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2470R SONY-CXD2470R Datasheet
405Kb / 38P
   Timing Generator for Frame Readout CCD Image Sensor
CXD2492R SONY-CXD2492R Datasheet
390Kb / 35P
   Timing Generator for Frame Readout CCD Image Sensor
logo
List of Unclassifed Man...
CXD3423GA ETC-CXD3423GA Datasheet
531Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
Sony Corporation
CXD3412GA SONY-CXD3412GA Datasheet
383Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3406GA SONY-CXD3406GA Datasheet
384Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com