Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHPM6B10N120SS Datasheet(PDF) 9 Page - Motorola, Inc

Part # MHPM6B10N120SS
Description  Hybrid Power Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHPM6B10N120SS Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MHPM6B10N120SS Datasheet HTML 2Page - Motorola, Inc MHPM6B10N120SS Datasheet HTML 3Page - Motorola, Inc MHPM6B10N120SS Datasheet HTML 4Page - Motorola, Inc MHPM6B10N120SS Datasheet HTML 5Page - Motorola, Inc MHPM6B10N120SS Datasheet HTML 6Page - Motorola, Inc MHPM6B10N120SS Datasheet HTML 7Page - Motorola, Inc MHPM6B10N120SS Datasheet HTML 8Page - Motorola, Inc MHPM6B10N120SS Datasheet HTML 9Page - Motorola, Inc MHPM6B10N120SS Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MHPM6B10N120 MHPM6B15N120 MHPM6B25N120 SERIES
9
Motorola IGBT Device Data
PACKAGE DIMENSIONS
CASE 464A–01
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. LEAD LOCATION DIMENSIONS (ie: G, S, R, H, F...)
ARE TO THE CENTER OF THE LEAD.
D 17 PL
V
X
K
E
L
W
C
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
–––
107.75
–––
4.242
B
–––
45.75
–––
1.801
C
16.37
17.64
0.644
0.694
D
0.77
1.53
0.030
0.060
E
12.49
13.51
0.492
0.532
F
14.86
15.62
0.585
0.615
G
3.43
4.19
0.135
0.165
H
41.53
42.29
1.635
1.665
K
29.99
31.01
1.181
1.221
L
6.29
7.31
0.248
0.288
M
1.59
2.61
0.063
0.103
N
10.49
11.51
0.413
0.453
P
31.49
32.51
1.240
1.280
Q
2.00
2.60
0.079
0.103
R
20.57
21.33
0.810
0.840
S
15.62
16.38
0.615
0.645
U
92.49
93.51
3.641
3.681
V
104.17
105.44
4.101
4.151
W
37.49
38.51
1.476
1.516
X
15.37
16.64
0.605
0.655
Y
5.25
5.75
0.207
0.227
Z
11.05
11.81
0.435
0.465
12
16
15
3
14
4
13
5
12
6
11
7
10
8
9
U
A
R
H
S
G 6 PL
Y 2 PL
Q 4 PL
M
N
P
B
Z 5 PL
F
4 PL
17


Similar Part No. - MHPM6B10N120SS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHPM6B10A120D MOTOROLA-MHPM6B10A120D Datasheet
174Kb / 10P
   Hybrid Power Module
MHPM6B10A60D MOTOROLA-MHPM6B10A60D Datasheet
166Kb / 10P
   Hybrid Power Module
More results

Similar Description - MHPM6B10N120SS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHPM6B15E60D3 MOTOROLA-MHPM6B15E60D3 Datasheet
129Kb / 5P
   Hybrid Power Module
MHPM6B5A120D MOTOROLA-MHPM6B5A120D Datasheet
174Kb / 10P
   Hybrid Power Module
MHPM7A15A60A MOTOROLA-MHPM7A15A60A Datasheet
183Kb / 10P
   Hybrid Power Module
MHPM7A25S120DC3 MOTOROLA-MHPM7A25S120DC3 Datasheet
165Kb / 6P
   Hybrid Power Module
MHPM7A30E60DC3 MOTOROLA-MHPM7A30E60DC3 Datasheet
167Kb / 6P
   Hybrid Power Module
MHPM7A5S120DC3 MOTOROLA-MHPM7A5S120DC3 Datasheet
165Kb / 6P
   Hybrid Power Module
MHPM7B16A120B MOTOROLA-MHPM7B16A120B Datasheet
268Kb / 10P
   Hybrid Power Module
MHPM7B30A60B MOTOROLA-MHPM7B30A60B Datasheet
258Kb / 10P
   Hybrid Power Module
MHPM6B20E60D3 MOTOROLA-MHPM6B20E60D3 Datasheet
124Kb / 5P
   Hybrid Power Module
MHPM7A15S120DC3 MOTOROLA-MHPM7A15S120DC3 Datasheet
165Kb / 6P
   Hybrid Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com