Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42421 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # PE42421
Description  SPDT UltraCMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE42421 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

  PE42421 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE42421 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE42421 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42421 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE42421 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE42421 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE42421 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE42421 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE42421 Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Product Specification
PE42421
Page 6 of 9
©2010-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0396-03 │ UltraCMOS® RFIC Solutions
Typical Performance Data @ -40°C to 85°C (Unless Otherwise Noted)
Figure 7. Insertion Loss
Figure 8. Isolation – Input to Output
Figure 9. Isolation – Output to Output
Figure 10. Return Loss (Input)


Similar Part No. - PE42421

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42421 PSEMI-PE42421 Datasheet
325Kb / 9P
   SPDT UltraCMOS 10 MHz ??3.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE42421 PEREGRINE-PE42421 Datasheet
325Kb / 9P
   SPDT UltraCMOS
logo
Peregrine Semiconductor
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
   SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
PE42421 PSEMI-PE42421_14 Datasheet
921Kb / 9P
   SPDT UltraCMOS짰
logo
Peregrine Semiconductor...
PE42421 PEREGRINE-PE42421_15 Datasheet
325Kb / 9P
   RF Switch
More results

Similar Description - PE42421

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4237 PEREGRINE-PE4237 Datasheet
276Kb / 8P
   SPDT UltraCMOS
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS
PE42552 PEREGRINE-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS
PE4244 PEREGRINE-PE4244 Datasheet
284Kb / 6P
   SPDT UltraCMOS
PE4239 PEREGRINE-PE4239 Datasheet
287Kb / 9P
   SPDT UltraCMOS
PE4251 PEREGRINE-PE4251 Datasheet
225Kb / 9P
   SPDT UltraCMOS
PE42421 PEREGRINE-PE42421 Datasheet
325Kb / 9P
   SPDT UltraCMOS
PE4245 PEREGRINE-PE4245 Datasheet
264Kb / 8P
   SPDT UltraCMOS
PE42551 PEREGRINE-PE42551 Datasheet
819Kb / 9P
   SPDT UltraCMOS
PE4272 PEREGRINE-PE4272 Datasheet
223Kb / 11P
   SPDT Broadband UltraCMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com