Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM35MXA-24S Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # CM35MXA-24S
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM35MXA-24S Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button CM35MXA-24S Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM35MXA-24S Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM35MXA-24S Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM35MXA-24S Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM35MXA-24S Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM35MXA-24S Datasheet HTML 7Page - Mitsubishi Electric Semiconductor CM35MXA-24S Datasheet HTML 8Page - Mitsubishi Electric Semiconductor CM35MXA-24S Datasheet HTML 9Page - Mitsubishi Electric Semiconductor CM35MXA-24S Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
< IGBT MODULES >
CM35MXA-24S
HIGH POWER SWITCHING USE
INSULATED TYPE
Publication Date : September 2012
6
CHIP LOCATION (Top view)
Dimension in mm, tolerance: ±1 mm
Tr*P/Tr*N/TrBr: IGBT, Di*P/Di*N: FWDi (*=U/V/W), DiBr: ClampDi, CR*P/CR*N: ConvDi (*=R/S/T), Th: NTC thermistor
TEST CIRCUIT AND WAVEFORMS
t
t
f
t
r
t
d( o n )
i
C
10%
90 %
90 %
vGE
VCC
R
G
-VGE
+VGE
-V
GE
Load
0 V
0 A
+
0
v
CE
v
GE
0 V
t
d ( o ff)
t
i
E
i
C
P1
N1
*
G*P
G*N
Es
*:U, V, W
Irr
Q rr=0.5×Irr×trr
0.5×Irr
t
trr
iE
0 A
IE
Switching characteristics test circuit and waveforms
trr, Qrr test waveform
0.1×ICM
ICM
VCC
vCE
iC
t
0
ti
0.1×VCC
0.1×VCC
VCC
ICM
vCE
iC
t
0
0.02×ICM
ti
IEM
vEC
iE
t
0 V
ti
t
VCC
0 A
IGBT Turn-on switching energy
IGBT Turn-off switching energy
FWDi Reverse recovery energy
Turn-on / Turn-off switching energy and Reverse recovery energy test waveforms (Integral time instruction drawing)


Similar Part No. - CM35MXA-24S

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM35MXA-24S POWEREX-CM35MXA-24S Datasheet
1Mb / 15P
   Low Drive Power Low VCE(sat) Discrete Super-Fast Recovery Free-Wheel Diode
CM35MXA-24S POWEREX-CM35MXA-24S_13 Datasheet
1Mb / 15P
   Low Drive Power Low VCE(sat) Discrete Super-Fast Recovery Free-Wheel Diode
More results

Similar Description - CM35MXA-24S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com