Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXG1014N Datasheet(PDF) 5 Page - Sony Corporation

Part # CXG1014N
Description  1.5 GHz Low Noise Amplifier/Down Conversion Mixer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1014N Datasheet(HTML) 5 Page - Sony Corporation

  CXG1014N Datasheet HTML 1Page - Sony Corporation CXG1014N Datasheet HTML 2Page - Sony Corporation CXG1014N Datasheet HTML 3Page - Sony Corporation CXG1014N Datasheet HTML 4Page - Sony Corporation CXG1014N Datasheet HTML 5Page - Sony Corporation CXG1014N Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
—5—
CXG1014N
Example of Representative Characteristics (Ta=25 °C)
POUT
IM3
0
20
–20
–40
–60
–80
–40
–30
–20
–10
0
VDD=3.0V
fRF1=1.49GHz
fRF2=1.4901GHz
0
20
–20
–40
–60
–80
–35
–25
–15
–5
5
POUT
IM3
VDD=3.0V
fRF1=1.49GHz
fRF2=1.4901GHz
fLO=1.62GHz
PLO=–15dBm
10
8
6
4
2
0
VDD=3.0V
fRF=1.49GHz
fLO=1.62GHz
0
–25
–20
–15
–10
–5
5
15
13
11
9
7
5
GC
NF
4
2
0
–2
–4
–6
0
–25
–20
–15
–10
–5
5
–5
–10
–15
–20
–25
–30
VDD=3.0V
fRF=1.49GHz
fLO=1.62GHz
IIP3
PLK
LNA block POUT, IM3 vs. PIN
PIN-RF input power (dBm)
MIX block POUT, IM3 vs. PIN
PIN-RF input power (dBm)
MIX block GC, NF vs. PLO
PLO-LO input power (dBm)
MIX block IIP3, PLK vs. PLO
PLO-LO input power (dBm)


Similar Part No. - CXG1014N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1010N SONY-CXG1010N Datasheet
218Kb / 6P
   Power Amplifier for PHS
CXG1012N SONY-CXG1012N Datasheet
76Kb / 4P
   High-Frequency SPDT Antenna Switch
CXG1013N SONY-CXG1013N Datasheet
197Kb / 6P
   1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1015N SONY-CXG1015N Datasheet
143Kb / 7P
   Power Amplifier/Antenna Switch for PHS
CXG1016N SONY-CXG1016N Datasheet
80Kb / 4P
   High-Frequency SPDT Antenna Switch
More results

Similar Description - CXG1014N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1013N SONY-CXG1013N Datasheet
197Kb / 6P
   1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1061TN SONY-CXG1061TN Datasheet
88Kb / 5P
   Low Noise Down Conversion Mixer for PHS
CXG1053FN SONY-CXG1053FN Datasheet
133Kb / 8P
   Power Amplifier/Antenna Switch Low Noise Amplifier/Down Conversion Mixer for PHS
CXG1096FN SONY-CXG1096FN Datasheet
121Kb / 7P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG7001FN SONY-CXG7001FN Datasheet
117Kb / 8P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG1051AFN SONY-CXG1051AFN Datasheet
121Kb / 7P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG7003FN SONY-CXG7003FN Datasheet
122Kb / 9P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
logo
M/A-COM Technology Solu...
MAALSS0044 MA-COM-MAALSS0044 Datasheet
160Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
HBH Microwave GmbH
HA1001 HBH-HA1001 Datasheet
17Kb / 1P
   1.0 - 1.5 GHz Low Noise Amplifier
HA1003 HBH-HA1003 Datasheet
25Kb / 2P
   1.5 - 1.6 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com