Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM75RX-24S Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # CM75RX-24S
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM75RX-24S Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  CM75RX-24S Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM75RX-24S Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM75RX-24S Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM75RX-24S Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM75RX-24S Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM75RX-24S Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM75RX-24S Datasheet HTML 7Page - Mitsubishi Electric Semiconductor CM75RX-24S Datasheet HTML 8Page - Mitsubishi Electric Semiconductor CM75RX-24S Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
< IGBT MODULES >
CM75RX-24S
HIGH POWER SWITCHING USE
INSULATED TYPE
Publication Date : September 2012
3
ELECTRICAL CHARACTERISTICS (cont; T j=25 °C, unless otherwise specified)
INVERTER PART IGBT/FWDi
Limits
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
IE=75 A
(Note5) ,
T j =25 °C
-
1.80
2.25
G-E short-circuited,
T j =125 °C
-
1.80
-
(Terminal)
T j =150 °C
-
1.80
-
V
IE=75 A
(Note5) ,
T j =25 °C
-
1.70
2.15
G-E short-circuited,
T j =125 °C
-
1.70
-
VEC
(Note1)
Emitter-collector voltage
(Chip)
T j =150 °C
-
1.70
-
V
trr
(Note1)
Reverse recovery time
VCC=600 V, IE=75 A, VGE=±15 V,
-
-
300
ns
Qrr
(Note1)
Reverse recovery charge
RG=8.2 Ω, Inductive load
-
4.0
-
μC
Eon
Turn-on switching energy per pulse
VCC=600 V, IC=IE=75 A,
-
7.3
-
Eoff
Turn-off switching energy per pulse
VGE=±15 V, RG=8.2 Ω, T j =150 °C,
-
8.0
-
mJ
Err
(Note1)
Reverse recovery energy per pulse
Inductive load
-
6.9
-
mJ
Main terminals-chip, per switch,
RCC'+EE'
Internal lead resistance
TC=25 °C
(Note4)
-
-
2.4
mΩ
rg
Internal gate resistance
Per switch
-
0
-
BRAKE PART IGBT/CLAMPDi
Limits
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
ICES
Collector-emitter cut-off current
VCE=VCES, G-E short-circuited
-
-
1
mA
IGES
Gate-emitter leakage current
VGE=VGES, C-E short-circuited
-
-
0.5
μA
VGE(th)
Gate-emitter threshold voltage
IC=5 mA, VCE=10 V
5.4
6.0
6.6
V
IC=50 A
(Note5) ,
T j =25 °C
-
1.80
2.25
VGE=15 V,
T j =125 °C
-
2.00
-
(Terminal)
T j =150 °C
-
2.05
-
V
IC=50 A
(Note5) ,
T j =25 °C
-
1.70
2.15
VGE=15 V,
T j =125 °C
-
1.90
-
VCEsat
Collector-emitter saturation voltage
(Chip)
T j =150 °C
-
1.95
-
V
C ies
Input capacitance
-
-
5.0
C oes
Output capacitance
-
-
1.0
C re s
Reverse transfer capacitance
VCE=10 V, G-E short-circuited
-
-
0.08
nF
QG
Gate charge
VCC=600 V, IC=50 A, VGE=15 V
-
117
-
nC
t d( on)
Turn-on delay time
-
-
300
t r
Rise time
VCC=600 V, IC=50 A, VGE=±15 V,
-
-
200
t d( o f f)
Turn-off delay time
-
-
600
t f
Fall time
RG=13 Ω, Inductive load
-
-
300
ns
IRRM
Repetitive peak reverse current
VR=VRRM, G-E short-circuited
-
-
1
mA
IE=50 A
(Note5) ,
T j =25 °C
-
1.80
2.25
G-E short-circuited,
T j =125 °C
-
1.80
-
(Terminal)
T j =150 °C
-
1.80
-
V
IE=50 A
(Note5) ,
T j =25 °C
-
1.70
2.15
G-E short-circuited,
T j =125 °C
-
1.70
-
VF
Forward voltage
(Chip)
T j =150 °C
-
1.70
-
V
trr
(Note.1)
Reverse recovery time
VCC=600 V, IE=50 A, VGE=±15 V,
-
-
300
ns
Qrr
(Note.1)
Reverse recovery charge
RG=13 Ω, Inductive load
-
2.7
-
μC
Eon
Turn-on switching energy per pulse
VCC=600 V, IC=IE=50 A,
-
5.5
-
Eoff
Turn-off switching energy per pulse
VGE=±15 V, RG=13 Ω, T j =150 °C,
-
5.3
-
mJ
Err
(Note.1)
Reverse recovery energy per pulse
Inductive load
-
4.5
-
mJ
rg
Internal gate resistance
-
-
0
-


Similar Part No. - CM75RX-24S

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM75RX-24S POWEREX-CM75RX-24S Datasheet
1Mb / 13P
   Six IGBT Brake NX-Series Module 75 Amperes/1200 Volts
More results

Similar Description - CM75RX-24S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com