Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM100RX-24S Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # CM100RX-24S
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM100RX-24S Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button CM100RX-24S Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM100RX-24S Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM100RX-24S Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM100RX-24S Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM100RX-24S Datasheet HTML 7Page - Mitsubishi Electric Semiconductor CM100RX-24S Datasheet HTML 8Page - Mitsubishi Electric Semiconductor CM100RX-24S Datasheet HTML 9Page - Mitsubishi Electric Semiconductor CM100RX-24S Datasheet HTML 10Page - Mitsubishi Electric Semiconductor CM100RX-24S Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
< IGBT MODULES >
CM100RX-24S
HIGH POWER SWITCHING USE
INSULATED TYPE
Publication Date : September 2012
7
PERFORMANCE CURVES
INVERTER PART
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE
CHARACTERISTICS
(TYPICAL)
Tj=25 °C
(Chip)
VGE=15 V
(Chip)
0
50
100
150
200
02468
10
0
0.5
1
1.5
2
2.5
3
3.5
0
50
100
150
200
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR CURRENT IC (A)
COLLECTOR-EMITTER SATURATION VOLTAGE
CHARACTERISTICS
(TYPICAL)
FREE WHEELING DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
Tj=25 °C
(Chip)
G-E short-circuited
(Chip)
0
2
4
6
8
10
6
8
10
12
14
16
18
20
1
10
100
1000
0
0.5
1
1.5
2
2.5
3
GATE-EMITTER VOLTAGE VGE (V)
EMITTER-COLLECTOR VOLTAGE VEC (V)
Tj=150 °C
Tj=125 °C
Tj=25 °C
Tj=125 °C
Tj=25 °C
IC=200 A
IC=100 A
IC=40 A
VGE=20 V
12 V
11 V
10 V
9 V
13.5 V
15 V
Tj=150 °C


Similar Part No. - CM100RX-24S

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM100RX-24S POWEREX-CM100RX-24S Datasheet
1Mb / 13P
   Six IGBT Brake NX-Series Module 100 Amperes/1200 Volts
logo
Mitsubishi Electric Sem...
CM100RX-24S1 MITSUBISHI-CM100RX-24S1 Datasheet
811Kb / 13P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM100RX-24S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com