Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM100TU-24H Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CM100TU-24H
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM100TU-24H Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CM100TU-24H_12 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM100TU-24H_12 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM100TU-24H_12 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM100TU-24H_12 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feb. 2009
2
MITSUBISHI IGBT MODULES
CM100TU-24H
HIGH POWER SWITCHING USE
INSULATED TYPE
V
V
VCE = VCES, VGE = 0V
±VGE = VGES, VCE = 0V
Tj = 25
°C
Tj = 125
°C
VCC = 600V, IC = 100A, VGE = 15V
VCC = 600V, IC = 100A
VGE =
±15V
RG = 3.1
Resistive load
IE = 100A, VGE = 0V
IE = 100A,
die / dt = –200A /
µs
Junction to case, IGBT part (Per 1/6 module)
Junction to case, FWDi part (Per 1/6 module)
Case to heat sink, conductive grease applied
(Per 1/6 module)
(Note 6)
IC = 10mA, VCE = 10V
IC = 100A, VGE = 15V
(Note 4)
VCE = 10V
VGE = 0V
Collector cutoff current
Gate-emitter
threshold voltage
Gate-leakage current
Collector-emitter
saturation voltage
Input capacitance
Output capacitance
Reverse transfer capacitance
Total gate charge
Turn-on delay time
Turn-on rise time
Turn-off delay time
Turn-off fall time
Emitter-collector voltage
Reverse recovery time
Reverse recovery charge
Thermal resistance
(Note 5)
Contact thermal resistance
Collector-emitter voltage
Gate-emitter voltage
Maximum collector dissipation
Junction temperature
Storage temperature
Isolation voltage
Mounting torque
Weight
VGE = 0V
VCE = 0V
TC = 25
°C
Pulse
(Note 1)
TC = 25
°C
Pulse
(Note 1)
TC = 25
°C
Charged part to base plate, f = 60Hz, AC 1 minute
Main terminals M5 screw
Mounting M5 screw
Typical value
Collector current
Emitter current
1200
±20
100
200
100
200
650
–40 ~ +150
–40 ~ +125
2500
2.5 ~ 3.5
2.5 ~ 3.5
680
MAXIMUM RATINGS (Tj = 25
°C, unless otherwise specified)
Symbol
Item
Conditions
Unit
Ratings
V
V
A
A
A
A
W
°C
°C
Vrms
N·m
N·m
g
VCES
VGES
IC
ICM
IE
(Note 2)
IEM (Note 2)
PC (Note 3)
Tj
Tstg
Viso
Min
Typ
Max
1
0.5
3.7
15
5
3
100
200
300
350
3.2
300
0.19
0.35
mA
µA
nF
nF
nF
nC
ns
ns
ns
ns
V
ns
µC
K/W
K/W
K/W
2.9
2.85
375
0.55
0.09
ICES
IGES
Cies
Coes
Cres
QG
td (on)
tr
td (off)
tf
VEC(Note 2)
trr
(Note 2)
Qrr (Note 2)
Rth(j-c)Q
Rth(j-c)R
Rth(c-f)
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, unless otherwise specified)
Symbol
Item
Test Conditions
VGE(th)
VCE(sat)
Limits
Unit
6
4.5
Note 1. Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tjmax rating.
2. IE, VEC, trr, Qrr & die/dt represent characteristics of the anti-parallel, emitter-collector free-wheel diode.
3. Junction temperature (Tj) should not increase beyond 150
°C.
4. Pulse width and repetition rate should be such as to cause negligible temperature rise.
5. Case temperature (TC) measured point is shown in page OUTLINE DRAWING.
6. Typical value is measured by using thermally conductive grease of
λ = 0.9[W/(m • K)].
7.5


Similar Part No. - CM100TU-24H_12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM100TU-24H MITSUBISHI-CM100TU-24H_09 Datasheet
118Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM100TU-24H_12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com