Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXG1016N Datasheet(PDF) 1 Page - Sony Corporation

Part # CXG1016N
Description  High-Frequency SPDT Antenna Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1016N Datasheet(HTML) 1 Page - Sony Corporation

  CXG1016N Datasheet HTML 1Page - Sony Corporation CXG1016N Datasheet HTML 2Page - Sony Corporation CXG1016N Datasheet HTML 3Page - Sony Corporation CXG1016N Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
—1—
E96525-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Control voltage
Vctl
7
V
• Operating temperature
Topr
–35 to +85
°C
• Storage temperature
Tstg
–65 to +150
°C
Operating Condition
• Control voltage
0/4
V
Description
The CXG1016N is a high power antenna switch
MMIC. This IC is designed using the Sony’s GaAs
J-FET process and operates at a single positive
power supply
Features
• Single positive power supply operation
• Low insertion loss
0.45 dB (Typ.) at 1.5 GHz
• Isolation
20 dB (Typ.)
at 1.5 GHz
• High power switching
P1 dB (Typ.)
33 dBm
at 1.5 GHz
VCTL (H)=3.0 V
37 dBm
at 1.5 GHz
VCTL (H)=4.0 V
Applications
Antenna switch for digital cellular telephones
Structure
GaAs J-FET MMIC
High-Frequency SPDT Antenna Switch
CXG1016N
8 pin SSOP (Plastic)
For the availability of this product, please contact the sales office.


Similar Part No. - CXG1016N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1010N SONY-CXG1010N Datasheet
218Kb / 6P
   Power Amplifier for PHS
CXG1012N SONY-CXG1012N Datasheet
76Kb / 4P
   High-Frequency SPDT Antenna Switch
CXG1013N SONY-CXG1013N Datasheet
197Kb / 6P
   1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1014N SONY-CXG1014N Datasheet
184Kb / 6P
   1.5 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1015N SONY-CXG1015N Datasheet
143Kb / 7P
   Power Amplifier/Antenna Switch for PHS
More results

Similar Description - CXG1016N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1006N SONY-CXG1006N Datasheet
71Kb / 4P
   High-Frequency SPDT Antenna Switch
CXG1022TM SONY-CXG1022TM Datasheet
76Kb / 4P
   High-Frequency SPDT Antenna Switch
CXG1024N SONY-CXG1024N Datasheet
94Kb / 6P
   High-Frequency SPDT Antenna Switch
CXG1060N SONY-CXG1060N Datasheet
94Kb / 6P
   High-Frequency SPDT Antenna Switch
CXG1012N SONY-CXG1012N Datasheet
76Kb / 4P
   High-Frequency SPDT Antenna Switch
logo
TriQuint Semiconductor
TQP4M4003 TRIQUINT-TQP4M4003 Datasheet
767Kb / 5P
   SPDT High Power 2.5V GSM Antenna Switch
logo
Will Semiconductor Ltd.
WS7802DE WILLSEMI-WS7802DE Datasheet
584Kb / 6P
   0.1GHz ??3GHz SPDT Antenna Switch
WS7802C WILLSEMI-WS7802C Datasheet
1,010Kb / 6P
   0.1GHz ??3GHz SPDT Antenna Switch
WS7802LR WILLSEMI-WS7802LR Datasheet
916Kb / 6P
   0.1GHz ??3GHz SPDT Antenna Switch
WS7802LS WILLSEMI-WS7802LS Datasheet
1Mb / 6P
   0.1GHz ??3GHz SPDT Antenna Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com