Electronic Components Datasheet Search |
|
STA516B Datasheet(PDF) 5 Page - STMicroelectronics |
|
STA516B Datasheet(HTML) 5 Page - STMicroelectronics |
5 / 17 page STA516B Electrical specifications Doc ID 13183 Rev 4 5/17 3 Electrical specifications Warning: Stresses beyond those listed under “Absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “Recommended operating condition” are not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. In the real application, power supplies with nominal values rated within the recommended operating conditions, may experience some rising beyond the maximum operating conditions for a short time when no or very low current is being drawn (amplifier in mute state, for instance). In this case the reliability of the device is guaranteed, provided that the absolute maximum rating is not exceeded. Table 3. Absolute maximum ratings Symbol Parameter Value Unit VCC_MAX DC supply voltage (pins 4, 7, 12, 15) 65 V Vmax Maximum voltage on pins 23 to 32 5.5 V Tj_MAX Operating junction temperature 0 to 150 °C Tstg Storage temperature -40 to 150 °C Table 4. Thermal data Symbol Parameter Min Typ Max Unit Tj-case Thermal resistance junction to case (thermal pad) - 1 2.5 °C/W Twarn Thermal warning temperature - 130 - °C TjSD Thermal shut-down junction temperature - 150 - °C thSD Thermal shut-down hysteresis - 25 - °C Table 5. Recommended operating conditions Symbol Parameter Min Typ Max Unit VCC Supply voltage for pins PVCCA, PVCCB 10 - 58 V Tamb Ambient operating temperature 0 - 90 °C |
Similar Part No. - STA516B_10 |
|
Similar Description - STA516B_10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |