Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7491LP Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7491LP
Description  2 x 5-watt dual BTL class-D audio amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491LP Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7491LP Datasheet HTML 1Page - STMicroelectronics TDA7491LP Datasheet HTML 2Page - STMicroelectronics TDA7491LP Datasheet HTML 3Page - STMicroelectronics TDA7491LP Datasheet HTML 4Page - STMicroelectronics TDA7491LP Datasheet HTML 5Page - STMicroelectronics TDA7491LP Datasheet HTML 6Page - STMicroelectronics TDA7491LP Datasheet HTML 7Page - STMicroelectronics TDA7491LP Datasheet HTML 8Page - STMicroelectronics TDA7491LP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
March 2011
Doc ID 13541 Rev 5
1/37
37
TDA7491LP
2 x 5-watt dual BTL class-D audio amplifier
Features
5 W + 5 W continuous output power:
RL = 8 Ω, THD = 10% at VCC = 9 V
5 W + 5 W continuous output power:
RL = 4 Ω, THD = 10% at VCC = 6.6 V
Wide range single supply operation (5 V - 14 V)
High efficiency (
η = 90%)
Four selectable, fixed gain settings of
nominally 20 dB, 26 dB, 30 dB and 32 dB
Differential inputs minimize common-mode
noise
Filterless operation
No ‘pop’ at turn-on/off
Standby and mute features
Short-circuit protection
Thermal overload protection
Externally synchronizable
Description
The TDA7491LP is a dual BTL class-D audio
amplifier with single power supply designed for
LCD TVs and monitors.
Thanks to the high efficiency and
exposed-pad-down (EPD) package no separate
heatsink is required.
Furthermore, the filterless operation allows a
reduction in the external component count.
The TDA7491LP is pin-to-pin compatible with the
TDA7491P and TDA7491HV.
PowerSSO-36 with
exposed pad down
Table 1.
Device summary
Order code
Operating temperature
Package
Packaging
TDA7491LP
-40 to 85 °C
PowerSSO-36 EPD
Tube
TDA7491LP13TR
-40 to 85 °C
PowerSSO-36 EPD
Tape and reel
www.st.com


Similar Part No. - TDA7491LP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7491LP STMICROELECTRONICS-TDA7491LP Datasheet
1Mb / 37P
   2 x 5-watt dual BTL class-D audio amplifier
TDA7491LP13TR STMICROELECTRONICS-TDA7491LP13TR Datasheet
1Mb / 37P
   2 x 5-watt dual BTL class-D audio amplifier
More results

Similar Description - TDA7491LP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7491LP13TR STMICROELECTRONICS-TDA7491LP13TR Datasheet
1Mb / 37P
   2 x 5-watt dual BTL class-D audio amplifier
TDA7491P STMICROELECTRONICS-TDA7491P Datasheet
1Mb / 42P
   2 x 10-watt dual BTL class-D audio amplifier
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
   25-watt 25-watt dual BTL class-D audio amplifier
TDA7493 STMICROELECTRONICS-TDA7493 Datasheet
870Kb / 30P
   3-watt 3-watt dual BTL class-D audio amplifier
TDA7498 STMICROELECTRONICS-TDA7498 Datasheet
737Kb / 28P
   100-watt 100-watt dual BTL class-D audio amplifier
TDA7498E STMICROELECTRONICS-TDA7498E Datasheet
1Mb / 20P
   160-watt 160-watt dual BTL class-D audio amplifier
TDA7492P13TR STMICROELECTRONICS-TDA7492P13TR Datasheet
459Kb / 26P
   25-watt 25-watt dual BTL class-D audio amplifier
September 2011 Rev 5
TDA7498LTR STMICROELECTRONICS-TDA7498LTR Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
September 2011 Rev 3
TDA749313TR STMICROELECTRONICS-TDA749313TR Datasheet
897Kb / 30P
   3-watt 3-watt dual BTL class-D audio amplifier
TDA7498L STMICROELECTRONICS-TDA7498L Datasheet
975Kb / 27P
   80 watt 80 watt dual BTL class-D audio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com