Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXG1047FN Datasheet(PDF) 6 Page - Sony Corporation

Part # CXG1047FN
Description  Dual-Band 3V Power Amplifier for GSM900/DCS1800 Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1047FN Datasheet(HTML) 6 Page - Sony Corporation

  CXG1047FN Datasheet HTML 1Page - Sony Corporation CXG1047FN Datasheet HTML 2Page - Sony Corporation CXG1047FN Datasheet HTML 3Page - Sony Corporation CXG1047FN Datasheet HTML 4Page - Sony Corporation CXG1047FN Datasheet HTML 5Page - Sony Corporation CXG1047FN Datasheet HTML 6Page - Sony Corporation CXG1047FN Datasheet HTML 7Page - Sony Corporation CXG1047FN Datasheet HTML 8Page - Sony Corporation CXG1047FN Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
– 6 –
CXG1047FN
Measurement Circuit – Pulsed DC Supply
Anritsu GSM
measurement set
Gate
O/P
PA-Drain
Connections
VDD1/VDD2/VDD3
P-Channel
FET
577
µs pulse
12.5% duty cycle
Si9424DY
3.6V
S
D
G
TTL inverter
DC supply
Recommended ALC Schematic
Vbat
Vcc
Vcc
Voffset
PA
RF In
Siliconix IRF9424
From PA
Ramp DAC
RF Out


Similar Part No. - CXG1047FN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1040TN SONY-CXG1040TN Datasheet
58Kb / 5P
   High Isolation DPDT Switch
CXG1045N SONY-CXG1045N Datasheet
81Kb / 7P
   GSM900/1800/1900 SPDT TX/RX Switch
CXG1045N SONY-CXG1045N Datasheet
64Kb / 5P
   High Power DPDT Switch for GSM
More results

Similar Description - CXG1047FN

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
RM009 SKYWORKS-RM009 Datasheet
296Kb / 17P
   Power Amplifier Module for Dual-band GSM900 DCS1800
RM008 SKYWORKS-RM008 Datasheet
507Kb / 12P
   PA Module for Dual-band GSM900 and DCS1800 Applications
logo
RF Micro Devices
RF3283 RFMD-RF3283 Datasheet
296Kb / 16P
   DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
RF4180 RFMD-RF4180 Datasheet
124Kb / 2P
   DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
logo
National Semiconductor ...
LMX2604 NSC-LMX2604 Datasheet
268Kb / 14P
   Triple-band VCO for GSM900/DCS1800/PCS1900
logo
Hitachi Semiconductor
PF08103A HITACHI-PF08103A Datasheet
42Kb / 8P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
PF08103B HITACHI-PF08103B Datasheet
34Kb / 7P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
logo
Maxim Integrated Produc...
MAX2651 MAXIM-MAX2651 Datasheet
466Kb / 16P
   GSM900 and DCS1800/PCS1900 Dual-Band, Low-Noise Amplifiers
19-1506; Rev 1; 10/99
logo
TriQuint Semiconductor
TQM6M4028E TRIQUINT-TQM6M4028E Datasheet
208Kb / 1P
   3V Dual-Band GSM900/DCS Transmit Module
TQM7M4006 TRIQUINT-TQM7M4006 Datasheet
72Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com